データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-2755-R2

  • AI
    The **M2CEC-2755-R2** is a specialized electronic module, typically identified as a **Carrier Board** or an **Interface Adapter** designed for industrial computing and embedded systems. It is most commonly associated with connecting specific hardware modules (like COM Express or proprietary system-on-modules) to standard peripheral interfaces. Below is a breakdown of its core electronic characteristics and components. --- ### 1. Technical Specifications The board serves as a bridge between high-density high-speed connectors and standard input/output (I/O) ports. | Feature | Description | | :--- | :--- | | **Form Factor** | Small form factor (SFF) industrial PCB | | **Input Voltage** | Typically 12V DC (Standard for embedded systems) | | **Primary Connector** | High-density mezzanine connector (e.g., 200+ pins) | | **Output Interfaces** | USB, Ethernet (RJ45), Serial (RS-232/422), and Video | | **Operating Temp** | Industrial grade (-40°C to +85°C) | ### 2. Core Electronic Components The PCB consists of several critical layers of electronic architecture: #### A. Power Management Integrated Circuits (PMICs) Because the module often takes a single voltage input, it uses **Buck Converters (Step-down)** to regulate voltages for different logic levels: * **5.0V:** For USB peripherals and legacy logic. * **3.3V:** For standard CMOS logic and signaling. * **1.8V/1.2V:** Often used for high-speed signal processing or internal FPGA/CPU cores. #### B. Signal Conditioning & Buffering To maintain signal integrity over the PCB traces, the board includes: * **Differential Pair Routing:** Used for high-speed signals like PCIe or Ethernet to reduce EMI. * **Level Shifters:** To allow communication between components operating at different voltages (e.g., 1.8V to 3.3V). * **ESD Protection:** Transil (TVS) diodes near the external ports (USB/LAN) to prevent damage from static discharge. #### C. Communication Controllers * **Ethernet Magnetics:** Small transformer modules located near the RJ45 port to provide galvanic isolation. * **UART/USB Bridges:** ICs that convert low-level processor signals into standard RS-232 or USB data streams. --- ### 3. Connection Pinout Overview The "2755" series often utilizes a specific pinout configuration to support: 1. **PCIe Lanes:** For high-speed data expansion. 2. **Display Outputs:** Often supporting LVDS, HDMI, or DisplayPort depending on the revision. 3. **GPIO:** General Purpose Input/Output pins for controlling sensors or relays. ### 4. Typical Applications * **Industrial Automation:** Acting as the brain for PLC (Programmable Logic Controller) interfaces. * **Medical Imaging:** Interfacing specialized sensors with a central processing unit. * **Edge Computing:** Providing physical ports for a compact System-on-Module (SoM). ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout differences between the R1 and R2 revisions?
    • ⤷ What type of high-density mezzanine connector does this board use?
    • ⤷ Is the M2CEC-2755-R2 compatible with standard COM Express Type 6 modules?