データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2CEC-275F-R2

  • AI
    The **M2CEC-275F-R2** is a specialized electronic component commonly used in industrial automation, robotics, and motor control systems. Specifically, it is a high-performance **Brushless DC (BLDC) Motor Controller/Driver** (often part of the M2CEC series). Below is a breakdown of its electronic parts, specifications, and functions. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 24V - 48V DC (nominal) | | **Current Rating** | High current handling, often up to 10A - 25A (depending on cooling) | | **Feedback Support** | Hall Sensors, Incremental Encoders | | **Control Interface** | RS-232, RS-485, or CANopen (model dependent) | | **PWM Frequency** | High-frequency switching for smooth torque delivery | --- ### 2. Core Electronic Components The internal architecture of the M2CEC-275F-R2 consists of several critical stages: #### A. Power Stage (Inverter) * **MOSFET/IGBT Bridge:** Uses a 3-phase H-bridge configuration to switch power to the motor windings. * **Heat Sink:** Essential for dissipating thermal energy generated by the switching transistors during high-current operation. #### B. Control Logic (MCU/DSP) * **Digital Signal Processor (DSP):** The "brain" that calculates PID loops, trajectory profiles, and commutation timing. * **Firmware:** Embedded software that handles motion profiles (Speed, Position, and Torque control). #### C. Feedback & Sensing * **Current Sensing Resistors:** Shunt resistors or Hall Effect sensors used to monitor current draw for over-current protection and torque control. * **Isolation Circuits:** Opto-isolators are often used to separate the high-power motor voltage from the low-power logic signals to prevent damage. #### D. Communication Ports * **Physical Layer:** Includes transceivers for industrial protocols, allowing the unit to be daisy-chained in a network of multiple axes. --- ### 3. Connection Pinout Overview | Pin Group | Function | | :--- | :--- | | **Power In** | V+ and GND for the DC power supply. | | **Motor Out** | Phase A, B, and C (U, V, W) connections to the BLDC motor. | | **Sensor Input** | +5V, GND, and Hall/Encoder signal lines. | | **Control I/O** | Enable, Direction, Pulse (or Analog Input) for external commands. | --- ### 4. Common Applications 1. **AGVs (Automated Guided Vehicles):** Precise wheel speed control. 2. **Medical Equipment:** Quiet and smooth operation for pumps or scanning beds. 3. **Conveyor Systems:** Synchronized movement across multiple belts.
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the R2 version?
    • ⤷ Does this controller support FOC (Field Oriented Control) for smoother motion?
    • ⤷ What is the maximum peak current rating for the M2CEC-275F?