データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2D2-24-R2

  • AI
    The **M2D2-24-R2** is a specific industrial control module, typically associated with distributed I/O systems or programmable logic controllers (PLCs). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The M2D2-24-R2 is generally categorized as a **Digital Input/Output Module**. It is designed to interface high-voltage or industrial-level signals with low-voltage control logic. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Channels** | 2 Digital Inputs | | **Output Channels** | 2 Digital Outputs (Relay) | | **Operating Voltage** | 24V DC | | **Relay Type** | Form C (SPDT - Single Pole Double Throw) | | **Mounting Type** | DIN Rail | | **Isolation** | Optical/Galvanic Isolation between logic and I/O | --- ### 3. Electronic Components and Functionality #### A. Input Section (Digital Inputs) * **Voltage Levels:** Usually rated for 24V DC logic. It utilizes internal optocouplers to protect the main processor from voltage spikes or electrical noise on the field side. * **Filtering:** Includes RC hardware filters or software debouncing to prevent "chatter" from mechanical switches. #### B. Output Section (Relay Outputs) * **Relay Contacts:** The "R2" in the model name typically signifies **2 Relay** outputs. These act as dry contacts, allowing the user to switch either AC or DC loads. * **Current Rating:** Standard industrial relays in these modules are usually rated for 2A to 5A at 250VAC/30VDC. * **Mechanical Life:** Typically rated for 10 million operations (unloaded). #### C. Power Supply & Protection * **Polarity Protection:** Includes diodes to prevent damage if the 24V DC input is wired backward. * **LED Indicators:** Integrated LEDs on the front panel provide visual status for: 1. Power (PWR) 2. Input Status (I0, I1) 3. Output Status (Q0, Q1) --- ### 4. Connection Diagram (Typical) ```text [ Power ] ----> ( +24V ) [ Ground] ----> ( 0V ) [ Field Device ] ----> [ Input 1 ] [ Load Circuit ] ----> [ Relay Output 1 (Common/NO) ] ``` --- ### 5. Common Applications * **Remote I/O:** Expanding the number of points for a master PLC via a communication bus. * **Signal Conversion:** Using the relays to allow a 24V DC system to control a 120V AC motor starter. * **Isolation:** Protecting sensitive controllers from high-power field equipment.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the relay contacts on this module?
    • ⤷ Does the M2D2-24-R2 support Modbus or other communication protocols?
    • ⤷ Can this module be used with 12V DC systems instead of 24V?