データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2FV-R/CE

  • AI
    The **M2FV-R/CE** is a high-performance **Frequency-to-Voltage (F/V) Converter** module manufactured by **M-System**. It is designed to convert pulse train signals (from sensors or encoders) into standard analog voltage or current signals for industrial PLC or SCADA systems. --- ### ## 1. Key Technical Specifications The "R/CE" suffix specifically denotes the power input and the CE marking compliance. | Feature | Specification | | :--- | :--- | | **Input Signal** | Pulse (Dry contact, Open collector, Voltage pulse) | | **Output Signal** | DC Voltage or Current (e.g., 0-10V, 4-20mA) | | **Power Input (R)** | 24V DC | | **Accuracy** | ±0.1% | | **Response Time** | Max. 0.5 sec (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | --- ### ## 2. Electronic Component Breakdown The internal architecture of the M2FV-R/CE consists of several critical electronic stages: #### ### A. Input Conditioning Circuit * **Schmitt Trigger:** Used to clean up noisy pulse signals and provide sharp edges for the conversion process. * **Optoisolator:** Provides galvanic isolation between the field sensor and the internal logic to prevent ground loops. #### ### B. Frequency-to-DC Processing * **Pulse Shaper:** Converts incoming pulses into a uniform width. * **Integrator/Averaging Circuit:** Uses a precision low-pass filter to convert the frequency of pulses into a proportional DC level. * **Microprocessor/Analog Logic:** Depending on the specific revision, it uses a dedicated F/V converter IC or a high-speed microcontroller to calculate the frequency. #### ### C. Output Stage * **Operational Amplifiers (Op-Amps):** High-precision amplifiers scale the internal signal to the desired industrial standard (like 4-20mA). * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning of the signal accuracy. --- ### ## 3. Wiring and Terminology When integrating the electronic parts, the following terminal connections are standard: 1. **Input (Terminals 5 & 6):** Pulse source connection. 2. **Output (Terminals 1 & 2):** Analog signal out to the controller. 3. **Power (Terminals 7 & 8):** 24V DC power supply. --- ### ## 4. Common Applications * **Tachometer interface:** Converting motor RPM (from a Hall Effect sensor) into a 0-10V signal. * **Flow Meters:** Converting pulse outputs from turbine meters into a 4-20mA flow rate signal. * **Speed Monitoring:** Converting gear tooth sensor signals into a format compatible with older analog gauges.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the M2FV module?
    • ⤷ What is the maximum input frequency supported by this model?
    • ⤷ Can the M2FV-R/CE handle both NPN and PNP sensor inputs?