データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2FV-R2

  • AI
    The **M2FV-R2** is a high-performance **Frequency-to-Voltage (F/V) Converter** module, typically manufactured by companies like **M-System**. It is designed to accept pulse train signals (from sensors or encoders) and convert them into a proportional DC voltage or current signal for industrial automation. --- ### 1. Core Electronic Specifications The M2FV-R2 is a plug-in style component. Here are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Model Type** | M2FV (F/V Converter) | | **Power Input (R2)** | 110V AC (Standard range: 100 – 120V AC) | | **Input Signal** | Dry contact, open collector, or voltage pulses | | **Output Signal** | 4–20 mA DC, 1–5V DC, or 0–10V DC (Factory set) | | **Frequency Range** | 0 – 0.01 Hz up to 0 – 100 kHz (Adjustable) | | **Accuracy** | ±0.1% of span | --- ### 2. Key Electronic Components & Functions Inside the M2FV-R2, several sub-circuits work together to process the signal: #### A. Input Pulse Conditioner The input stage uses a **Schmitt Trigger** or similar comparator circuit. This ensures that noisy or "bouncing" pulse signals are cleaned up into sharp, square-wave pulses before they are processed. #### B. Frequency Detection Circuit The heart of the device is an **Integrator or Charge-Pump circuit**. For every incoming pulse, a fixed amount of charge is transferred to a capacitor. The average voltage across this capacitor is directly proportional to the frequency of the incoming pulses. #### C. Galvanic Isolation To protect the PLC or Controller, the M2FV-R2 features **Three-way Isolation**: * **Input to Output:** Prevents ground loops. * **Input/Output to Power:** Protects against power surges on the AC line. * **Insulation Resistance:** Usually ≥ 100 MΩ with 500V DC. #### D. Zero and Span Adjustment On the front or side of the module, there are typically multi-turn **Potentiometers (Trimmers)**. These allow for fine-tuning the analog output to ensure that 0Hz exactly equals the minimum output (e.g., 4mA) and the maximum frequency equals the full-scale output (e.g., 20mA). --- ### 3. Connection Pinout (Typical) Most M-System M2 series modules use a standard 8-pin or 11-pin socket base. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Power Input | 110V AC Supply | | **4 & 5** | Output (+) / (-) | Analog DC Signal out | | **7 & 8** | Input (+) / (-) | Pulse Signal from Sensor | --- ### 4. Application Use-Case * **Motor Speed Monitoring:** Converting RPM pulses from a magnetic pickup into a 0-10V signal for a display. * **Flow Measurement:** Taking pulses from a turbine flowmeter and converting them to a 4-20mA signal for a PLC.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on the M2FV-R2?
    • ⤷ What is the difference between the R2 and the M2 power options?
    • ⤷ Can the M2FV-R2 handle high-voltage pulse inputs?