データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MS-0-R2/N

  • AI
    The **M2MS-0-R2/N** is a specific part number typically associated with high-performance **solid-state relays (SSRs)** or industrial control modules, often manufactured by companies like **Celduc Relais**. These components are designed to interface low-power control signals with high-power industrial loads. --- ## Technical Specifications Overview Below is a breakdown of the typical electronic characteristics for this series: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | Electronic switching device with no moving parts. | | **Control Voltage** | 3.5 - 32 VDC | The input signal range required to activate the switch. | | **Load Voltage** | Up to 60 VDC | The maximum voltage the output can handle. | | **Load Current** | 2A - 4A (model dependent) | The maximum continuous current the device can switch. | | **Switching Type** | DC Switching | Designed specifically for Direct Current loads. | | **Package Style** | SIL / SIP | Single In-line Package for PCB mounting. | --- ## Key Electronic Components & Internal Logic The M2MS series utilizes several internal electronic stages to ensure safe and efficient operation: ### 1. Optocoupler (Isolation Layer) The "M" in the series often signifies magnetic or optical isolation. This part uses an internal LED and a photo-sensitive receiver to transfer the signal. This provides **galvanic isolation** (typically up to 2.5kV or 4kV), protecting the sensitive microcontroller side from high-voltage spikes on the load side. ### 2. Output Power MOSFET Unlike mechanical relays that use copper contacts, the M2MS-0-R2/N uses a **Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). * **Low On-Resistance ($R_{DS(on)}$):** Minimizes heat generation during operation. * **High Speed:** Can switch in microseconds, far faster than mechanical armatures. ### 3. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the input wires are connected backwards. * **Clamping Diodes:** Often includes internal protection to handle inductive "kickback" from motors or solenoids. --- ## Application Use Cases This specific part is frequently found in the following environments: * **PLC Interfacing:** Bridging a Programmable Logic Controller's 24V output to a DC motor or valve. * **Medical Equipment:** Where silent switching and high reliability are mandatory. * **Telecommunications:** For signal routing where mechanical wear would lead to premature failure. --- ## Advantages vs. Mechanical Relays 1. **Life Expectancy:** Infinite switching cycles as there is no mechanical wear or contact pitting. 2. **Silent Operation:** No "click" sound during switching. 3. **Vibration Resistance:** Highly resistant to physical shock, making it ideal for mobile industrial machinery.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the M2MS-0-R2/N?
    • ⤷ Can this component be used for AC load switching
    • ⤷ or is it strictly DC?
    • ⤷ What is the typical leakage current when the relay is in the 'off' state?