データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MS-0-R2/UL

  • AI
    The **M2MS-0-R2/UL** is a high-performance, ultra-compact **Solid State Relay (SSR)** typically manufactured by **CELDUC Relais**. It is specifically designed for PCB mounting and is optimized for switching DC loads with high reliability. --- ### 1. Technical Specifications The following table summarizes the key electronic characteristics of the M2MS-0-R2/UL: | Feature | Specification | | :--- | :--- | | **Control Voltage (Input)** | 3.5 - 32 VDC | | **Control Current** | approx. 5 - 10 mA | | **Load Voltage (Output)** | 0 - 60 VDC | | **Rated Load Current** | 4 A (with heat sink) / 2 A (free air) | | **Switching Element** | MOSFET | | **Isolation Voltage** | 2500 Vrms | | **Package Style** | SIP (Single In-line Package) | | **Certifications** | UL Recognized, CE, RoHS | --- ### 2. Key Electronic Components & Design The M2MS series utilizes a specific architecture to ensure high-speed switching and safety: * **Optocoupler Isolation:** The input (control side) is optically isolated from the output (load side). This prevents high-voltage spikes on the load side from damaging the control electronics (like a PLC or Microcontroller). * **MOSFET Output:** Unlike traditional electromechanical relays, it uses a Power MOSFET. This results in: * **Low On-Resistance:** Minimizes power dissipation and heat. * **Silent Operation:** No mechanical clicking. * **Long Life:** No physical contacts to wear out or arc. * **Protection Circuitry:** Often includes internal flyback protection to handle inductive loads, though external diodes are still recommended for high-inductance applications. --- ### 3. Application Use Cases This part is commonly found in industrial automation environments where space is limited and reliability is critical: 1. **PLC Output Buffering:** Driving small DC motors, solenoids, or valves from a PLC signal. 2. **Interface Modules:** Converting low-level logic signals to power-level signals. 3. **Medical Equipment:** Due to its high isolation and lack of electromagnetic interference (EMI). 4. **Heating Elements:** Precise PWM control of small heaters. --- ### 4. Comparison: Mechanical vs. M2MS-0-R2/UL | Feature | Mechanical Relay | M2MS-0-R2/UL (SSR) | | :--- | :--- | :--- | | **Switching Speed** | Slow (ms) | Very Fast (µs) | | **Lifespan** | Finite (Mechanical wear) | Nearly Infinite | | **Vibration Resistance**| Poor | Excellent | | **Acoustic Noise** | Clicks | Silent |
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for this relay at 4A current?
    • ⤷ Can this relay be used to switch AC loads?
    • ⤷ What is the specific pinout configuration for the M2MS series?