データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MS-1-R/Q

  • AI
    The **M2MS-1-R/Q** refers to a specific type of micro-mechanical or magnetic reed sensor/switch, often used in security systems, industrial automation, and position sensing. Below is a breakdown of its electronic characteristics and components. --- ### 1. Technical Specifications The M2MS series typically falls under the category of **Surface Mount (SMD) Reed Switches**. These parts are designed to react to magnetic fields to open or close an electrical circuit. | Parameter | Typical Value / Description | | :--- | :--- | | **Contact Form** | Form A (Normally Open - NO) | | **Switching Voltage** | Max 100V - 200V DC (Varies by sub-model) | | **Switching Current** | 0.5A (Typical) | | **Contact Rating** | 10W (Max Power) | | **Sensitivity (AT)** | 10 - 25 Ampere-Turns (Range) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Electronic Components & Construction The "R/Q" designation often refers to the **packaging/reeling** or the **sensitivity grade** of the part. #### A. The Reed Capsule Inside the component are two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. * **Plating:** The contact areas are usually plated with Rhodium or Ruthenium to ensure low contact resistance and a high lifecycle (often up to 10^7 operations). * **Gas Fill:** The glass tube is filled with an inert gas (like Nitrogen) to prevent oxidation of the contacts. #### B. The Housing (SMD Frame) Unlike traditional axial lead reed switches, the "M2MS" variant is molded into a plastic housing with flat leads. * **Reflow Soldering:** The materials are chosen to withstand high-temperature lead-free soldering processes. * **Magnetic Shielding:** The package is designed to minimize interference while allowing external magnetic flux to reach the internal reeds. --- ### 3. Functional Operation The device operates on the principle of **magnetic induction**: 1. **Passive State:** When no magnetic field is present, the reeds remain separated (Circuit is OPEN). 2. **Active State:** When a permanent magnet or electromagnet approaches the part, the reeds become oppositely polarized. 3. **Closure:** The magnetic attraction overcomes the spring tension of the reeds, and they snap together (Circuit is CLOSED). --- ### 4. Application Examples * **Security Systems:** Detecting when a window or door is opened. * **Utility Meters:** Pulse counting for water or gas flow. * **Medical Devices:** Non-contact switching in sterile environments. * **Automotive:** Liquid level sensing (brake fluid or coolant).
    ✨ Follow-up Questions
    • ⤷ What is the difference between Form A and Form C reed switches?
    • ⤷ How does the 'Ampere-Turns' (AT) rating affect sensitivity?
    • ⤷ Can this part be used with an AC power supply?