データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MS-3-R2/CE

  • AI
    The **M2MS-3-R2/CE** is a specialized high-performance signal transducer (specifically a signal conditioner or isolator) typically manufactured by companies like **M-System**. It is designed to convert an analog input signal into a standardized output signal while providing electrical isolation. --- ### 1. Key Technical Specifications The model code "M2MS-3-R2/CE" breaks down into specific electronic characteristics: | Component Code | Description | Details | | :--- | :--- | :--- | | **M2MS** | Model Series | Potentiometer Transmitter (Mini-M Series) | | **-3** | Input Type | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **-R** | Output Type | 4 – 20 mA DC (Load resistance 550 $\Omega$ max.) | | **2** | Power Supply | 24V DC | | **CE** | Certification | European Conformity (EMC and Low Voltage Directive) | --- ### 2. Core Electronic Functions #### A. Potentiometer Sensing The device acts as a bridge between a mechanical sensor (like a float level sensor or a valve positioner) and a control system. It provides a constant voltage to the potentiometer and measures the wiper position. #### B. Signal Isolation This unit provides **three-way isolation**: * **Input to Output** * **Input to Power** * **Output to Power** Isolation prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges or electrical noise on the field side. #### C. Calibration Adjustments The electronic board typically features two front-accessible potentiometers: 1. **Zero Adjustment:** Sets the 4mA output point (usually ±10% range). 2. **Span Adjustment:** Sets the 20mA output point (usually ±10% range). --- ### 3. Electronic Block Diagram Logic ```mermaid graph LR A[Potentiometer Input] --> B[Input Circuit / Filter] B --> C[Isolation Barrier / Transformer] C --> D[Current Output Drive 4-20mA] E[24V DC Power] --> C ``` --- ### 4. Installation and Wiring The device uses a plug-in base (typically an 8-pin or 11-pin socket) for easy maintenance. | Pin Number | Function | | :--- | :--- | | **1 & 2** | Power Supply (24V DC) | | **3 (+) & 4 (-)** | Output Signal (4-20 mA) | | **5, 6, 7** | Input (Potentiometer CW, Wiper, CCW) | ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span for this specific model?
    • ⤷ What is the maximum allowable loop resistance for the 4-20mA output?
    • ⤷ Can this module be used with a 110V AC power source?