データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MS-3-R2/X1

  • AI
    The **M2MS-3-R2/X1** is a specialized electronic module typically associated with industrial automation and control systems. Below is a breakdown of its core components, functions, and technical characteristics. --- ### 1. General Overview The M2MS-3-R2/X1 belongs to a category of **Signal Conditioners** or **Isolating Transmitters**. Its primary purpose is to convert one type of electrical signal (like voltage or current) into another while providing galvanic isolation to protect sensitive control equipment (like PLCs) from electrical noise and surges. ### 2. Technical Specifications Based on the standard nomenclature for this series, here are the key electronic parameters: | Feature | Specification | | :--- | :--- | | **Input Type** | Typically DC Voltage or Current (e.g., 4-20mA, 0-10V) | | **Output Type** | Dual or Single Analog Output (R2 often denotes specific ranges) | | **Power Supply** | AC or DC (Depending on the specific sub-model) | | **Isolation** | 3-Port Isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | | **Response Time** | High-speed processing (often < 100ms) | --- ### 3. Key Electronic Sub-assemblies #### A. Input Stage * **Protection Circuitry:** Contains TVS diodes and capacitors to filter out high-frequency noise and prevent damage from voltage spikes. * **Analog-to-Digital Converter (ADC):** High-precision sampling units that translate the physical incoming voltage/current into digital data for processing. #### B. Isolation Barrier * **Optical or Transformer Isolation:** This part physically separates the input and output circuits. It prevents ground loops and ensures that a failure in the field device does not destroy the main controller. #### C. Signal Processing (CPU/MCU) * The **"X1"** suffix often refers to a specific calibration or customization of the internal logic. This microprocessor handles linearizing the signal and ensuring accuracy across different temperature ranges. #### D. Output Stage * **Digital-to-Analog Converter (DAC):** Converts the processed signal back into a clean analog format. * **Buffer Amplifiers:** Ensures the signal has enough strength to drive long cable runs to the receiver. --- ### 4. Application Use Cases 1. **Noise Mitigation:** Used in environments with heavy motors where electromagnetic interference (EMI) is high. 2. **Signal Conversion:** Converting a 0-5V sensor signal into a 4-20mA signal for long-distance transmission. 3. **Safety Buffering:** Acting as a "sacrificial" barrier between high-voltage field sensors and expensive PLC input cards.
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output voltage ranges for the R2 variant?
    • ⤷ How does the X1 suffix specifically change the factory calibration?
    • ⤷ What is the dielectric strength rating for the isolation barrier in this module?