データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MS-4W-R2

  • AI
    The **M2MS-4W-R2** is a specific electronic hardware component, typically a **Mini Card to M.2 (NGFF) Adapter**. This part is designed to allow modern M.2 wireless modules (like Wi-Fi 6 or Bluetooth cards) to be installed into older hardware that only possesses a Mini PCI Express (mPCIe) slot. --- ### ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Host Interface** | Mini PCI Express (Full-size or Half-size) | | **Device Interface** | M.2 Key A / Key E (Socket 1) | | **Supported M.2 Sizes** | 2230, 3030 | | **Signal Support** | PCIe x1 and USB 2.0 | | **Dimensions** | Standard Mini Card profile | --- ### ### Key Electronic Components The "R2" designation usually refers to a specific revision of the PCB, which often includes improvements in signal integrity or power delivery. Below are the primary functional parts of the board: 1. **M.2 Connector (Key A/E):** The physical slot where the wireless module is inserted. Key A/E is the industry standard for Wi-Fi and Bluetooth cards. 2. **PCIe Pass-through:** The adapter maps the PCIe lanes from the mPCIe host slot directly to the M.2 pins. There is usually no active bridge chip; it acts as a physical pin-remapper. 3. **Voltage Regulator (LDO):** M.2 modules typically require a stable 3.3V. While mPCIe provides 3.3V, high-quality adapters include filtering capacitors to prevent voltage ripples that could drop the wireless connection. 4. **USB 2.0 Pins:** Bluetooth functionality in combo cards usually relies on the USB 2.0 signal. This adapter routes the USB pins from the mPCIe slot to the M.2 slot. 5. **FPC/FFC Connectors (Optional):** Some variants of the M2MS series use flexible flat cables to allow the M.2 slot to be positioned away from the host slot if space is tight. --- ### ### Typical Use Cases * **Legacy Laptop Upgrades:** Installing an Intel AX210 (M.2) into an older laptop that only has a Mini PCIe slot. * **Industrial PC Maintenance:** Replacing obsolete wireless modules with modern standards without changing the motherboard. * **Embedded Systems:** Using standardized M.2 modules in custom carrier boards designed for Mini PCIe. --- ### ### Installation Note The **M2MS-4W-R2** is purely a physical adapter. It does not contain its own drivers. The operating system will require the drivers for the specific M.2 card (e.g., Intel, Realtek, or Broadcom) that you plug into the adapter.
    ✨ Follow-up Questions
    • ⤷Does the M2MS-4W-R2 support NVMe SSDs?
    • ⤷ What is the difference between Key A and Key E on M.2 slots?
    • ⤷ Does this adapter require external power?