データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MS-4W-R2/X1

  • AI
    The **M2MS-4W-R2/X1** is a specialized electronic module, typically associated with signal conversion or isolation in industrial automation systems (often manufactured by brands like **M-System**). This specific model is a **potentiometer transmitter** designed to convert resistance changes from a potentiometer into a standardized analog signal. --- ### 1. Component Overview The device serves as an interface between a mechanical position sensor (potentiometer) and a control system (PLC/DCS). | Specification | Details | | :--- | :--- | | **Model Function** | Potentiometer Transmitter | | **Input Type** | 3-wire potentiometer (variable resistance) | | **Standard Range** | 100 $\Omega$ to 10 k$\Omega$ | | **Output Type** | Standard DC voltage or current (e.g., 4-20mA or 1-5V) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Mounting** | Plug-in base (often DIN rail or surface mount) | --- ### 2. Part Number Breakdown (Nomenclature) The suffix codes determine the specific electronic configuration of the unit: * **M2MS**: Series designation (Plug-in Signal Conditioners). * **4W**: Power supply requirement (typically **110V/120V AC**). * **R2**: Output signal code (commonly implies a specific current or voltage range, such as **4-20mA DC**). * **X1**: Special specification or non-standard adjustment range (often indicates a specific input resistance tolerance or custom calibration). --- ### 3. Key Electronic Features #### A. Signal Conditioning & Isolation The unit contains an internal isolation transformer and optoisolators. This prevents ground loops and protects the control system from high-voltage surges on the field side. * **Isolation Strength:** Usually rated up to 2000V AC. #### B. Zero & Span Adjustments On the front panel, there are two trimming potentiometers (multi-turn resistors): * **Zero:** Adjusts the output to the baseline (e.g., 4mA) when the input potentiometer is at 0%. * **Span:** Adjusts the output to the maximum (e.g., 20mA) when the input potentiometer is at 100%. #### C. Power Supply Section The `4W` designation indicates an AC-powered internal transformer. It converts the mains voltage into stabilized DC voltages to power the internal operational amplifiers (Op-Amps) and the excitation voltage sent to the field potentiometer. --- ### 4. Typical Connection Diagram ```text [Field Side] [Module M2MS] [Control Side] Potentiometer Terminal Block PLC / Display +-------+ (High) +-----------+ +-----------+ | R |<------------------------| Input (H) | Isolated | Output (+) | | (10k) | (Wiper) | Input (S) |--------------------->| Output (-) | | |<------------------------| Input (L) | Signal +-----------+ +-------+ (Low) +-----------+ | +-----------+ | AC Power | +-----------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific output ranges for the R2 code in this series?
    • ⤷ How do you calibrate the Zero and Span for a new potentiometer?
    • ⤷ Is there a DC-powered version of this transmitter?