データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MS-D-R/Q

  • AI
    The **M2MS-D-R/Q** is a specific part number typically associated with **M2 Series Industrial Signal Conditioners** or transmitters (often manufactured by companies like **M-System**). These devices are used to convert, isolate, and transmit signals in industrial automation systems. --- ### 1. Part Number Breakdown The suffixing on these modules generally defines the power supply, input/output characteristics, and safety ratings. | Code Segment | Description | Typical Meaning | | :--- | :--- | :--- | | **M2MS** | Model Series | Potentiometer Transmitter / Signal Conditioner | | **-D** | Input Specification | DC Voltage or Current (Variable depending on sub-type) | | **-R** | Power Input | **24V DC** Power supply | | **-Q** | Special Option | Often indicates "Non-standard" or "Special Specifications" (e.g., custom range) | --- ### 2. Core Electronic Components Inside an M2MS-style module, the electronic architecture is designed for precision and isolation. #### A. Input Circuitry (Potentiometer Interface) * **Reference Voltage Source:** Provides a stable voltage to the external potentiometer. * **High-Impedance Buffer:** Ensures the signal is read without loading the potentiometer, preventing measurement errors. #### B. Isolation Barrier * **Optocouplers or Transformers:** Provides galvanic isolation (typically up to 2000V AC) between the input, output, and power supply. This protects sensitive PLC/DCS equipment from ground loops and surges. #### C. Signal Processing (Analog/Digital) * **Precision Op-Amps:** Used for scaling and filtering the signal. * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for manual calibration of the 0% and 100% points. #### D. Output Stage * **Voltage/Current Driver:** Converts the processed signal into standard industrial formats (e.g., 4–20mA or 1–5V DC). --- ### 3. Technical Specifications Typical performance metrics for the M2MS series include: * **Accuracy:** $\pm 0.1\%$ of span. * **Response Time:** $\leq 0.5$ seconds (0 to 90%). * **Insulation Resistance:** $100\text{ M}\Omega$ minimum at $500\text{V DC}$. * **Operating Temperature:** $-5$ to $+55^\circ\text{C}$. --- ### 4. Application Example The **M2MS-D-R** is frequently used to monitor the position of a valve or a mechanical arm. 1. **Input:** A $100\Omega$ to $10\text{k}\Omega$ potentiometer attached to a motor shaft. 2. **Conversion:** The module senses the change in resistance. 3. **Output:** It sends a linear **4–20mA** signal to a PLC to indicate the exact percentage of the valve opening. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the M2MS-D-R base socket?
    • ⤷ How do I calibrate the Zero and Span settings on this specific module?
    • ⤷ What is the difference between the -R and -M power supply options?