データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MST-0-R/N

  • AI
    Based on technical specifications, the **M2MST-0-R/N** is a specific part number associated with industrial sensing and control systems, most notably within the **M2M series** of signal converters or transmitters (often manufactured by companies like **M-System**). Below is a breakdown of its electronic components, functions, and specifications. --- ### 1. General Overview The M2M series typically refers to **Mini-M Signal Conditioners**. These are plug-in electronic components used to convert one type of industrial signal into another (e.g., converting a thermocouple temperature reading into a 4-20mA current loop). ### 2. Part Number Breakdown (Typical) While exact prefixes can vary by manufacturer, the nomenclature generally follows this logic: | Segment | Meaning | Description | | :--- | :--- | :--- | | **M2MST** | **Model Type** | Usually denotes a **Thermocouple Transmitter** or specific Signal Conditioner. | | **0** | **Input Type** | Often signifies a specific sensor range or "Unspecified/Configurable". | | **R** | **Power Input** | Typically indicates **24V DC** power supply requirement. | | **N** | **Special Spec** | Often represents "No special options" or a specific standard coating. | --- ### 3. Key Electronic Characteristics These devices are designed for high-precision industrial environments. Key electronic features include: * **Galvanic Isolation:** Most units provide 3-way isolation (Input to Output to Power) up to 2000V AC to prevent ground loops. * **Cold Junction Compensation (CJC):** If used for thermocouples, the circuitry includes a thermistor at the terminal block to compensate for ambient temperature changes. * **Linearization:** The internal microprocessor applies a linearization curve to the non-linear input signal (like a B, K, or J type thermocouple). * **Response Time:** Usually fast, ranging from **0.5s to 1.0s** for a 0% to 90% signal step. --- ### 4. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Supply Voltage** | 24V DC (±10%) | | **Current Consumption** | ~50mA to 80mA | | **Input Signal** | Thermocouple (K, E, J, T, B, R, S, C) | | **Output Signal** | 4 - 20mA DC or 1 - 5V DC | | **Accuracy** | ±0.1% of span | | **Mounting** | DIN Rail or Surface Mount | | **Operating Temp** | -5 to +55°C | --- ### 5. Common Applications 1. **Temperature Monitoring:** Converting sensor data for input into a PLC (Programmable Logic Controller). 2. **Noise Reduction:** Converting low-voltage signals into high-current loops to prevent signal degradation over long distances. 3. **Safety Isolation:** Protecting expensive control equipment from high-voltage surges on the sensor side.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and M power supply codes in this series?
    • ⤷ How is the zero and span adjustment performed on this specific model?
    • ⤷ Does the M2MST support HART communication protocols?