データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MST-1-R

  • AI
    The **M2MST-1-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Test Point** or a specialized terminal connector. These parts are essential in PCB (Printed Circuit Board) design for debugging, testing, and making temporary connections. --- ### 1. General Specifications The "M2MST" series generally refers to micro-miniature surface mount test points designed to save space on high-density circuit boards while providing a reliable contact point for probes. | Feature | Description | | :--- | :--- | | **Component Type** | Surface Mount (SMT) Test Point / Terminal | | **Material** | Usually Phosphor Bronze or Brass Alloy | | **Plating** | Tin or Gold over Nickel (to prevent oxidation) | | **Mounting Type** | Surface Mount (Reflow Soldering) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Characteristics * **Low Profile:** Designed to have a minimal vertical footprint, making them ideal for handheld devices or thin electronics. * **Robust Attachment:** The SMT feet are designed to provide high mechanical strength to withstand the pressure of test probes or "grabber" clips. * **Automated Assembly:** Because they are supplied on Tape & Reel (`-R`), they are compatible with high-speed pick-and-place machines. --- ### 3. Applications These parts are used across various industries where PCB testing is required: 1. **Quality Control:** Allows automated test equipment (ATE) to verify voltage levels or signal integrity during manufacturing. 2. **Prototyping:** Provides a hook-on point for oscilloscope probes or multimeters without the risk of slipping and shorting adjacent components. 3. **Grounding:** Sometimes used as a chassis grounding point or a small interface for jumper wires. --- ### 4. Technical Footprint (Conceptual) While specific dimensions vary by manufacturer (such as Mac8 or similar hardware brands), a standard SMT test point follows this basic logic: ```markdown [ Pad ] <-- Solder Area | | |---| <-- Metal Loop or Post (for probe attachment) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and pad layout for the M2MST-1-R?
    • ⤷ Which manufacturers produce the M2MST series?
    • ⤷ What is the maximum current rating for this type of SMT test point?