データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2MST-C-R2SLASHCE

  • AI
    Based on your inquiry, it appears you are referring to a specific configuration of a high-performance industrial or military-grade computing module, likely a variant of the **M2MST** series (often associated with **Aitech** or similar embedded system providers). These are typically Ruggedized M.2 Mezzanine modules. Below is an explanation of the electronic components and architecture generally found in this type of hardware. --- ### 1. General Architecture The **M2MST** series is designed as an expansion carrier or a specific storage/IO module that interfaces via the M.2 (Next Generation Form Factor) standard. The "C-R2" and "CE" suffixes usually denote revision levels and environmental certifications (Commercial/Extended temperature). ### 2. Key Electronic Components | Component Category | Details | Function | |:---|:---|:---| | **Controller/Bridge IC** | Silicon Motion or Marvell (typically) | Manages data flow between the PCIe interface and the NAND flash or IO logic. | | **NAND Flash Memory** | SLC, MLC, or pSLC (Pseudo-Single Level Cell) | High-reliability non-volatile storage for rugged environments. | | **DRAM Buffer** | LPDDR3/4 or DDR4 | High-speed cache to reduce latency during data write cycles. | | **Power Management (PMIC)** | Integrated Voltage Regulators | Converts the 3.3V input from the M.2 slot to the internal voltages (1.8V, 0.9V) required by the controller and flash. | | **Bypass Capacitors** | Tantalum or Ceramic (MLCC) | Filtering electrical noise and ensuring power stability during heavy load. | --- ### 3. Technical Specifications The "R2" revision and "CE" designation often point to specific electronic protections: * **Interface:** PCIe Gen3 x4 or x2, ensuring high bandwidth (up to 32 Gbps). * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressors) to protect against Electrostatic Discharge (ESD). * **Thermal Management:** Often features a thermal pad or integrated heat spreader to dissipate heat from the controller to the chassis. * **Conformal Coating (CE):** The "CE" often indicates the application of a thin polymeric film (Conformal Coating) that protects the electronic components against moisture, dust, and chemicals. --- ### 4. Pinout and Connectivity The module adheres to the M.2 Key M or Key B+M physical layout. ```yaml Pin Section: - Pins 1-11: Ground and Power (3.3V) - Pins 12-19: Configuration Pins (Detect) - Pins 21-33: PCIe Lane 0 & 1 (Differential Pairs) - Pins 35-49: PCIe Lane 2 & 3 (Differential Pairs) - Pins 51-75: Clock, Reset, and Reserved ``` --- ### 5. Environmental Ruggedization Unlike standard consumer parts, these electronics are built for: 1. **Shock/Vibration:** Soldered components are often "underfilled" with epoxy to prevent solder joint fractures. 2. **Temperature:** Rated for -40°C to +85°C (Industrial Grade). 3. **Data Integrity:** Features Power Loss Protection (PLP) via a bank of capacitors to ensure data in flight is written to flash during a sudden power outage.
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the R2SLASHCE variant?
    • ⤷ Does this module support hardware-based AES-256 encryption?
    • ⤷ What is the specific MTBF (Mean Time Between Failures) for this electronic part?