データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PA-11-R2

  • AI
    The **M2PA-11-R2** is a specialized power relay module, typically utilized in industrial automation and control systems. It is often associated with brands like **IDEC** or specialized interface manufacturers. This component serves as an electromechanical interface between low-power control circuits (like PLCs) and high-power loads. --- ### 1. Key Technical Specifications The "R2" suffix often denotes specific voltage ratings or contact configurations (typically 24V DC for the coil). | Feature | Specification | | :--- | :--- | | **Type** | Industrial Electromechanical Relay | | **Contact Form** | DPDT (Double Pole Double Throw) | | **Coil Voltage** | Typically 24V DC (Standard for R2 series) | | **Contact Current Rating** | 5A to 10A (Depending on load type) | | **Mounting** | Plug-in / DIN Rail via Socket | | **Indicator** | Usually features an LED status indicator | --- ### 2. Internal Electronic Structure The M2PA-11-R2 consists of three primary electronic sub-assemblies: #### A. The Electromagnetic Coil The heart of the device. When the rated voltage (24V DC) is applied to the input terminals, it creates a magnetic field. This field pulls an internal armature toward the core. #### B. The Contact System (DPDT) The "11" in the part number usually signifies the contact arrangement. A DPDT setup means: * **Two Poles:** Two separate circuits can be controlled simultaneously. * **Double Throw:** Each pole can switch between a **Normally Closed (NC)** and a **Normally Open (NO)** position. #### C. Protection Components Modern units like the R2 often include: * **Flyback Diode:** To suppress voltage spikes when the coil is de-energized. * **LED Indicator:** A small light-emitting diode wired in parallel with the coil to show when the relay is active. --- ### 3. Connection Pinout While pin numbering depends on the specific socket used, the standard logic is: 1. **Coil Terminals:** Positive and Negative inputs for the trigger signal. 2. **Common (COM):** The "input" side of the switch contacts. 3. **Normally Open (NO):** Connected to COM only when power is applied. 4. **Normally Closed (NC):** Connected to COM when power is removed. --- ### 4. Common Applications * **Signal Isolation:** Protecting a sensitive PLC output from high-voltage motor surges. * **Logic Inversion:** Using the NC contact to turn a device OFF when a signal is received. * **Load Multiplication:** Using one control signal to switch two separate physical circuits via the DPDT poles.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the M2PA-11-R2 contacts?
    • ⤷ Which DIN rail socket is compatible with this specific relay?
    • ⤷ Is there a 110V AC version of this relay available?