データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PA-12-R

  • AI
    The **M2PA-12-R** is a high-performance, precision DC-DC converter module, typically associated with the **M2PA series** manufactured by brands like **Power-One (now Bel Power Solutions)**. It belongs to a category of modular power supplies designed for high reliability in industrial and telecommunications environments. --- ## 1. Core Technical Specifications The "12" in the part number typically signifies the output voltage, while the "R" often denotes RoHS compliance or a specific revision. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 18V to 36V DC (or 36V to 75V depending on specific sub-series) | | **Output Voltage** | 12V DC | | **Output Power** | Varies by package (Typically 5W to 15W range) | | **Efficiency** | ~80% to 87% | | **Isolation** | 1500V DC (Input to Output) | | **Package Style** | Through-hole (DIP) or Chassis Mount | --- ## 2. Key Electronic Features The internal circuitry of the M2PA-12-R is designed to provide clean power with minimal noise. Key features include: * **Regulated Output:** Maintains a steady 12V output despite fluctuations in the input voltage or load changes. * **Protection Circuitry:** * *Overcurrent Protection:* Limits current to prevent damage during a short circuit. * *Overvoltage Protection:* Clamps the output if the internal feedback loop fails. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe operating limits. * **Low Ripple and Noise:** Uses internal filtering capacitors to ensure the output is suitable for sensitive analog components. --- ## 3. Pin Configuration and Functions While specific pinouts can vary by manufacturer revision, a standard 2" x 1" or 2" x 2" DC-DC module usually follows this logic: | Pin Name | Function | | :--- | :--- | | **+Vin / -Vin** | Positive and Negative DC input connections. | | **+Vout / -Vout** | Regulated 12V DC output to the load. | | **Remote On/Off** | Logic level pin to enable or disable the converter remotely. | | **Trim** | Allows the user to adjust the 12V output slightly (e.g., ±5%). | --- ## 4. Typical Applications Because of its high isolation and reliability, the M2PA-12-R is found in: 1. **Industrial Controls:** Powering PLCs and sensors from a 24V bus. 2. **Telecom Equipment:** Converting battery bank voltages to local 12V rails. 3. **Test and Measurement:** Providing isolated power to sensitive measurement probes to avoid ground loops. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M2PA-12-R?
    • ⤷Can this module be used in a parallel configuration for higher power?
    • ⤷Does the M2PA-12-R require external heat sinking for full load operation?