データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PA-5D-R2

  • AI
    The **M2PA-5D-R2** is a specialized electronic component, typically identified as a **Solid State Relay (SSR)** or an **I/O Module** designed for industrial automation and control systems. It is part of the M2PA series, often used in PLC (Programmable Logic Controller) interfacing. --- ### 1. Key Technical Specifications | Feature | Specification (Typical) | |:---|:---| | **Input Voltage (Control)** | 5V DC | | **Output Type** | Reed Relay / Solid State (Model Dependent) | | **Contact Form** | SPST (Single Pole Single Throw) - Normally Open | | **Switching Voltage** | Up to 250V AC / 30V DC | | **Mounting Style** | Plug-in / PCB Mount | | **Response Time** | High-speed switching (approx. 1ms) | --- ### 2. Internal Electronic Architecture The M2PA-5D-R2 consists of three primary stages: 1. **Input Stage (Control):** - Contains a current-limiting resistor and an LED indicator. - Designed to trigger when a 5V signal is applied from a logic circuit or microcontroller. 2. **Isolation Layer:** - Provides electrical isolation (usually via an optocoupler or magnetic reed) between the low-voltage control side and the high-voltage load side. 3. **Output Stage (Switching):** - Uses a semiconductor or a high-durability reed switch to open or close the circuit. - Features a snubber circuit in some variations to protect against voltage spikes. --- ### 3. Connection Pinout Diagram While the physical layout may vary by manufacturer (e.g., Panasonic or Omron equivalents), the general logic follows this structure: | Pin Number | Function | Description | |:---:|:---|:---| | **1 & 2** | Input (+/-) | 5V DC Control signal input | | **3 & 4** | Output (Load) | Switching terminals for the external device | --- ### 4. Implementation Example (Microcontroller) To drive this part using a microcontroller like an Arduino or ESP32, you would typically use the following logic: ```cpp // Example: Triggering the M2PA-5D-R2 const int relayPin = 5; // Connected to Pin 1 of the M2PA void setup() { pinMode(relayPin, OUTPUT); } void loop() { digitalWrite(relayPin, HIGH); // Relay ON (Closes Load Circuit) delay(2000); digitalWrite(relayPin, LOW); // Relay OFF (Opens Load Circuit) delay(2000); } ``` --- ### 5. Common Applications * **PLC Interfacing:** Acts as a buffer between PLC logic and heavy industrial loads. * **Signal Conversion:** Converting low-level logic signals to high-voltage switching. * **Safety Isolation:** Protecting sensitive control electronics from back-EMF or surges from motors and solenoids.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M2PA-5D-R2 output?
    • ⤷ Does this model require an external flyback diode for inductive loads?
    • ⤷ What are the physical dimensions for PCB footprinting?