データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PA-5D-R2/N

  • AI
    The **M2PA-5D-R2/N** is a specific model of an **Industrial Power Relay** (commonly part of the M2PA series by manufacturers like OMRON or similar industrial automation brands). These components are designed to interface low-power control signals with high-power load circuits. --- ### 1. Component Identification & Specifications The alphanumeric code typically breaks down into technical specifications regarding voltage, contact arrangements, and mounting styles. | Feature | Specification Details | | :--- | :--- | | **Device Type** | General Purpose Power Relay | | **Coil Voltage** | 5V DC (indicated by the "5D") | | **Contact Form** | DPDT (Double Pole Double Throw) / 2 Form C | | **Terminal Type** | Plug-in or PCB Mount (depending on suffix) | | **Mounting** | Typically DIN Rail or Socket compatible | --- ### 2. Key Electronic Characteristics #### A. The Control Side (Input/Coil) * **Operating Voltage:** 5V DC. This is common for logic-level control from microcontrollers (like Arduino or ESP32) or TTL circuits. * **Power Consumption:** Designed to be low-wattage to prevent overheating during continuous operation. * **Polarity:** Being a DC coil, it often includes an internal surge suppression diode (check specific datasheet) to protect the driving transistor from back-EMF. #### B. The Load Side (Contacts) * **Switching Capacity:** Usually rated for **5A to 10A** at 250V AC or 30V DC. * **Contact Material:** Typically Silver Alloy (AgNi or AgSnIn) to reduce oxidation and prevent contact welding under high-inrush currents. * **Mechanical Life:** Generally rated for 10 million to 50 million operations. --- ### 3. Internal Schematic Representation The device functions as an electromagnetic switch. Below is a simplified representation of the internal logic: ```text [ Coil ] ---- (Electromagnetic Field) ---- [ Armature ] | [NC] <----------- (Default) ---------- [Common] [NO] <----------- (Energized) --------- [Common] ``` --- ### 4. Typical Applications * **PLC Interfacing:** Bridging the gap between 5V logic controllers and 220V industrial machinery. * **Signal Duplication:** Using one input signal to switch two independent circuits simultaneously (due to the 2-pole design). * **Safety Interlocks:** Used in control panels to isolate high-voltage power from human-accessible switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the M2PA-5D-R2/N contacts?
    • ⤷ Does this model require a specific socket for DIN rail mounting?
    • ⤷ What are the pinout differences between the R2 and N versions?