データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PE-14-R

  • AI
    The **M2PE-14-R** is a specific electronic component commonly associated with high-density interconnect solutions. It is part of a series of connectors designed for high-performance signal transmission, typically used in computing and telecommunications. Below is a breakdown of its characteristics and technical specifications. --- ## 1. General Overview The M2PE series is a **PCI Express (PCIe) compatible** connector system. Specifically, the "14-R" designation usually refers to the number of positions/pins and the mounting orientation. | Attribute | Specification | | :--- | :--- | | **Component Type** | M.2 (NGFF) / PCIe Interface Connector | | **Number of Pins** | 14 positions (varies by keying configuration) | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Right Angle (Horizontal) | | **Contact Plating** | Gold (typically over Nickel) | --- ## 2. Technical Features ### Mechanical Properties * **Pitch:** Usually features a fine pitch (0.50mm) to allow for high-density placement on the PCB. * **Durability:** Rated for approximately 60 mating cycles. * **Form Factor:** Designed to follow the **M.2 (Next Generation Form Factor)** standard, allowing for compact SSD or wireless module integration. ### Electrical Performance * **Current Rating:** Typically 0.5A per pin. * **Voltage Rating:** Rated at 50V AC/DC. * **Signal Integrity:** Optimized for high-speed data protocols including PCIe Gen 3 and Gen 4, SATA 3.0, and USB 3.0. --- ## 3. Pinout & Connectivity The 14-pin configuration is often a subset of a larger M.2 interface or a specific proprietary module connector. In the context of M.2: 1. **Top Row Contacts:** Used for high-speed differential pairs (TX/RX). 2. **Bottom Row Contacts:** Used for Power ($3.3V$), Ground (GND), and sideband signals (Reset, Clock). --- ## 4. Typical Applications The M2PE-14-R is primarily found in compact electronic assemblies where vertical space is limited: * **Solid State Drives (SSD):** Interfacing NVMe or SATA storage. * **Wireless Modules:** Wi-Fi 6E, Bluetooth, and WWAN (4G/5G) cards. * **Embedded Systems:** Industrial PCs and IoT gateways requiring modular upgrades. --- ## 5. Storage and Handling As a Surface Mount Device (SMD), the M2PE-14-R is sensitive to moisture and mechanical stress: * **MSL (Moisture Sensitivity Level):** Usually MSL 1 or 3 (requires dry-pack storage). * **Soldering:** Compatible with Lead-Free Reflow soldering processes.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the M2PE-14-R?
    • ⤷ Is this connector compatible with PCIe Gen 5 standards?
    • ⤷ What is the recommended footprint layout for the PCB?