データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PE-16-R2/CE

  • AI
    The **M2PE-16-R2/CE** is a specialized industrial interface module, typically associated with motion control systems or PLCs (Programmable Logic Controllers). It functions primarily as a **Remote I/O expansion module** that communicates over a fieldbus network. --- ### 1. General Specifications The module is designed to bridge the gap between a central controller and field devices (sensors/actuators). | Feature | Specification Details | | :--- | :--- | | **Model Number** | M2PE-16-R2/CE | | **I/O Type** | 16-Channel Digital Input/Output (Configurable) | | **Communication** | Fieldbus Interface (often compatible with MECHATROLINK) | | **Isolation** | Opto-coupler isolation for noise protection | | **Mounting** | DIN Rail or Panel Mount | --- ### 2. Key Electronic Components & Subsystems The internal architecture consists of several critical stages to ensure industrial-grade reliability: #### A. Microcontroller/FPGA Core The "brain" of the module manages high-speed communication protocols. It processes incoming data packets from the master controller and updates the output states at millisecond intervals. #### B. Isolation Circuitry (Opto-couplers) To protect the sensitive logic components from high-voltage spikes or ground loops in the factory environment: * **Input Isolation:** Converts 24V DC signals from sensors into low-voltage logic. * **Output Isolation:** Separates the logic control from the load-switching side. #### C. Power Management The module typically requires a **24V DC** external power supply. Internal DC-DC converters step this down to 3.3V or 5V for the integrated circuits. #### D. Connection Interface * **I/O Terminals:** Heavy-duty screw terminals or ribbon cable headers for 16-bit data transmission. * **Status LEDs:** Individual LEDs for each of the 16 channels to indicate the "ON/OFF" state, plus diagnostic LEDs (Power, Run, Error). --- ### 3. Functional Logic The "16" in the part number signifies 16 points of interaction. In most configurations, these parts are used for: 1. **Digital Inputs:** Connecting limit switches, proximity sensors, or pushbuttons. 2. **Digital Outputs:** Driving small relays, solenoid valves, or signal towers. --- ### 4. Technical Summary The **R2/CE** suffix usually indicates: * **R2:** Revision 2 (Hardware/Firmware update). * **CE:** Compliance with European safety, health, and environmental protection standards. ---
    ✨ Follow-up Questions
    • ⤷ What specific communication protocol does the M2PE-16-R2/CE use for its fieldbus interface?
    • ⤷ Is the M2PE-16-R2/CE compatible with standard 24V NPN or PNP wiring?
    • ⤷ What are the maximum current ratings for the output channels on this module?