データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PE-5B-R2

  • AI
    The **M2PE-5B-R2** is a specialized electronic component, typically identified as an **M.2 to PCIe adapter card** or a specific **passive bridge PCB** designed for industrial or server applications. It is frequently used to interface M.2 modules (specifically B+M key or M-key) with standard PCI Express slots. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The device acts as a hardware bridge. Here are the primary electronic specifications: | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) to PCIe x4/x1 (depending on configuration) | | **Keying Support** | B-Key, M-Key, or B+M Key | | **Bus Standard** | PCIe Gen 2 / Gen 3 Compatibility | | **Form Factor** | Low Profile / Standard Height compatible | | **Operating Voltage** | 3.3V (Standard for M.2) | | **Power Management** | Integrated LDO or DC-DC step-down (model dependent) | --- ### 2. Key Electronic Components A typical M2PE-5B-R2 assembly consists of the following discrete components on the PCB: #### A. Power Regulation (LDO/Buck Converters) M.2 modules require a steady 3.3V supply. Since PCIe slots provide both 12V and 3.3V, these boards often include: * **Voltage Regulators:** To ensure high-current stability for NVMe drives. * **Decoupling Capacitors:** Usually MLCC (Multi-Layer Ceramic Capacitors) to filter high-frequency noise from the power rails. #### B. Signal Integrity Components * **Differential Pair Routing:** The PCB trace layout uses impedance control (usually 85-100 ohms) to maintain signal integrity for high-speed data. * **Coupling Capacitors:** Small capacitors placed in series with the PCIe TX/RX lines to block DC bias while allowing high-speed AC data signals to pass. #### C. Connectivity & Mechanicals * **M.2 Connector:** A 75-pin gold-plated connector. * **LED Indicators:** Typically features an "Active" LED (toggling on data transfer) and a "Power" LED. --- ### 3. Functional Use Cases The M2PE-5B-R2 is commonly utilized in the following scenarios: 1. **Industrial Computing:** Adding NVMe storage to older motherboards that lack native M.2 slots. 2. **Wireless Expansion:** Using the M.2 slot for Wi-Fi/Bluetooth modules (if the adapter supports E-keying or specific pin-outs). 3. **Testing/Debugging:** Used by hardware engineers to probe M.2 signals using a standard PCIe riser. --- ### 4. Implementation Code Example If you are using this adapter for an automated hardware test via a Linux environment, you might identify the device using `lspci`: ```bash # List all devices on the PCIe bus to verify the adapter is recognized lspci -vv | grep -i "Non-Volatile memory" # Check link speed and width (Gen 2 vs Gen 3) sudo lspci -s 01:00.0 -vvv | grep LnkSta ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the M2PE-5B-R2 support NVMe Gen 4 speeds?
    • ⤷ What are the specific dimensions for this PCB model?
    • ⤷ Does it require additional drivers for OS recognition?