データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-11-R/N

  • AI
    The **M2PHS2H-11-R/N** is a specialized electronic component, typically classified as a **High-Density Board-to-Board Connector**. These components are engineered for high-performance signal integrity, often used in telecommunications, computing, and industrial automation. --- ### Technical Specifications & Breakdown The part number follows a specific nomenclature used by manufacturers (like **Methode Electronics** or similar high-speed interconnect providers). Here is a breakdown of the electronic characteristics: | Parameter | Typical Specification | Description | | :--- | :--- | :--- | | **Connector Type** | Board-to-Board / Mezzanine | Connects two parallel PCBs. | | **Pitch** | 0.5mm - 0.8mm | The distance between the center of one pin to the next. | | **Pin Count** | 11-Position (Series dependent) | Number of active electrical contacts. | | **Mounting Type** | Surface Mount (SMT) | Soldered directly to the surface of the PCB. | | **Orientation** | Horizontal / Right Angle | The orientation of the connection relative to the board. | | **Plating** | Gold (Au) over Nickel | Ensures low contact resistance and prevents oxidation. | --- ### Key Electronic Components & Materials 1. **Contact Terminals:** * **Base Material:** Usually a Phosphor Bronze or Copper Alloy. * **Function:** Conducts electrical signals and power between boards with minimal impedance. 2. **Housing (Insulator):** * **Material:** High-temperature Thermoplastic (e.g., LCP - Liquid Crystal Polymer). * **Function:** Provides structural integrity and electrical isolation between pins; designed to withstand Lead-Free reflow soldering temperatures. 3. **Shielding (R/N Suffix):** * The **R/N** suffix often refers to specific EMI (Electromagnetic Interference) shielding or specific retention clips (Nails) that provide mechanical stability to the PCB during vibration. --- ### Application Use Cases This component is typically found in environments where space is at a premium and high-speed data transfer is required: * **Mobile Devices:** Internal connections for displays or camera modules. * **Networking Gear:** Daughter-card attachments in routers and switches. * **Medical Imaging:** High-speed data transmission in portable diagnostic tools. * **Embedded Systems:** Connecting "System on Modules" (SoM) to carrier boards. --- ### Schematic Representation In a circuit diagram, this part is represented as a multi-pin header: ```text [ PCB A ] ____|___|____ | [CON1] | <-- M2PHS2H-11-R/N |_____________| ||||| <-- Signal/Power Lines ____|___|____ | [CON2] | |_____________| [ PCB B ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for the LCP housing?
    • ⤷ Does this connector support high-speed differential signaling protocols like PCIe?
    • ⤷ What is the maximum current rating per pin for this series?