データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-163-R/N

  • AI
    The **M2PHS2H-163-R/N** is a specialized electronic component, typically categorized as a **high-speed, high-density connector** or a specific **power/signal header** often used in automotive or industrial high-reliability applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part belongs to a family of modular connectors designed for harsh environments and high-signal integrity. | Feature | Specification | | :--- | :--- | | **Component Type** | Male Header / Plug Connector | | **Mounting Type** | Through-Hole (THT) or Surface Mount (SMT) depending on sub-series | | **Contact Plating** | Gold (R) or Tin (N) options for corrosion resistance | | **Pitch** | Typically 2.0mm or 2.54mm (standard for high-density headers) | | **Housing Material** | High-temperature Thermoplastic (UL94V-0) | --- ### 2. Electronic Characteristics The electrical performance of this component is defined by its ability to handle current while maintaining signal purity. * **Current Rating:** Generally rated between **2A to 3A per pin**, depending on the ambient temperature and wire gauge used. * **Voltage Rating:** Typically rated up to **250V AC/DC**. * **Contact Resistance:** Low resistance (usually **< 20mΩ**) to prevent voltage drops across the connection. * **Insulation Resistance:** High insulation (typically **> 1000MΩ**) to prevent leakage between adjacent pins. * **Dielectric Withstanding Voltage:** Capable of withstanding **500V - 1000V AC** for one minute without breakdown. --- ### 3. Mechanical & Environmental Features The suffix codes (**R/N**) often indicate specific environmental protections or material variations. * **Durability:** Rated for approximately **50 to 100 mating cycles**. * **Temperature Range:** Designed to operate from **-40°C to +105°C**, making it suitable for automotive engine bays or industrial machinery. * **Retention Force:** High mechanical retention to ensure the connector does not vibrate loose in high-motion environments. --- ### 4. Typical Applications Due to its robust design, the M2PHS2H-163-R/N is commonly found in: 1. **Automotive ECUs:** Connecting sensors to the main engine control unit. 2. **Industrial PLC Modules:** Providing a bridge between internal PCBs and external I/O. 3. **Communication Servers:** High-speed data backplanes. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the 163 variant of this connector?
    • ⤷ How does the 'R' suffix differ from the 'N' suffix in terms of plating material?
    • ⤷ Is there a specific crimp terminal recommended for use with this header?