データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-164-R2/N

  • AI
    The **M2PHS2H-164-R2/N** appears to be a specialized part number, typically associated with high-density power supply backplanes or power distribution modules used in server chassis (such as those from Supermicro or similar rackmount manufacturers). Below is a breakdown of the typical electronic components and functional sections found in this type of hardware. --- ## 1. Functional Overview This part acts as the bridge between high-wattage Redundant Power Supplies (PSUs) and the internal components of a server (Motherboard, GPUs, Hard Drives). | Component Category | Description | | :--- | :--- | | **Input Interface** | High-current card-edge connectors (slots) for AC/DC power modules. | | **Output Bus** | 12V, 5V, 3.3V, and 5Vsb (standby) distribution lines. | | **Management** | I2C/SMBus communication for PMBus monitoring. | | **Form Factor** | PDB (Power Distribution Board) designed for 1U or 2U enclosures. | --- ## 2. Key Electronic Parts & Subsystems ### A. Power Conversion & Regulation * **MOSFETs:** Used for load switching and "OR-ing" logic (preventing backflow between redundant PSUs). * **Voltage Regulators (VRMs):** DC-DC converters that step down the main 12V rail to smaller voltages like 5V or 3.3V for legacy components. * **Bulk Capacitors:** Large electrolytic or polymer capacitors used to smooth voltage ripples and handle sudden current spikes. ### B. Monitoring and Protection * **Current Shunt Resistors:** Low-resistance precision resistors used to measure the amperage drawn by the system. * **Supervisory ICs:** Integrated circuits that monitor Over-Voltage (OVP), Under-Voltage (UVP), and Over-Current (OCP) conditions. * **EEPROM:** Stores board identification, revision data, and serial numbers accessible via the BMC (Baseboard Management Controller). ### C. Connectivity * **ATX/EPS Connectors:** Standard 24-pin or 8-pin outputs for the motherboard. * **Peripheral Connectors:** 4-pin Molex or SATA power headers. * **Fan Headers:** Often includes 4-pin PWM headers for chassis cooling fans, controlled by the power logic. --- ## 3. Technical Specifications (Typical for R2/N Series) ```yaml Part_Type: Redundant Power Distributor Input_Slots: 2x Gold Finger (for hot-swap PSUs) Main_Rail: +12V Auxiliary_Rails: +5V, +3.3V, -12V, +5Vsb Communication: PMBus 1.2 / I2C Safety_Features: Hot-plug support, short-circuit protection ``` --- ## 4. Usage Context These boards are critical in **High-Availability (HA)** environments. The "R2" usually denotes a hardware revision, while the "/N" often signifies specific cabling configurations or a neutral (non-branded) version. If a single PSU fails, the electronic "OR-ing" FETs on this board ensure the system continues running without a reboot by drawing power solely from the secondary unit.
    ✨ Follow-up Questions
    • ⤷ What are the specific wattage ratings for the M2PHS2H-164-R2/N?
    • ⤷ Which server chassis models are compatible with this power distribution board?
    • ⤷ Does this board support PMBus communication for remote monitoring?