データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-1A-R

  • AI
    The **M2PHS2H-1A-R** is a specific part number typically associated with high-current **Power Inductors** or magnetic components used in DC-DC converters and power management systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The M2PHS series is designed for high-efficiency power delivery in compact spaces. It is a surface-mount device (SMD) often used in high-frequency switching regulators. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Construction** | Metal Composite (Metal Alloy Powder) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Use** | Buck/Boost Converters, VRM (Voltage Regulator Modules) | --- ## 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Cyntec or similar brands), the nomenclature usually follows this structure: ### Magnetic Properties * **Inductance Value:** Typically ranges from **0.22µH to 2.2µH** (depending on the specific sub-code, though "-1A" often refers to a specific casing size or revision). * **Saturation Current ($I_{sat}$):** These parts are known for "soft saturation" characteristics, meaning they handle high peak currents without a sharp drop in inductance. * **DC Resistance (DCR):** Engineered to be extremely low (mΩ range) to minimize $I^2R$ power losses and heat generation. ### Physical Construction * **Core Material:** Metal powder core. Unlike ferrite cores, these do not saturate abruptly and offer better performance at higher temperatures. * **Shielding:** Shielded construction to minimize Electromagnetic Interference (EMI) with surrounding components on the PCB. --- ## 3. Typical Applications These inductors are found in high-performance electronics where space is limited but power demands are high: * **Computing:** CPU/GPU core power supplies in laptops and tablets. * **Telecommunications:** High-speed routers and base stations. * **Mobile Devices:** Power Management Integrated Circuits (PMICs) for smartphones. * **Industrial:** Compact DC-DC point-of-load (POL) converters. --- ## 4. Advantages & Limitations ### Advantages 1. **Thermal Stability:** Maintains stable inductance across a wide temperature range. 2. **Compact Footprint:** High current density allows for smaller PCB layouts. 3. **Low Acoustic Noise:** The molded construction reduces "coil whine" caused by magnetostriction. ### Limitations 1. **Cost:** Metal alloy inductors are generally more expensive than standard ferrite wire-wound inductors. 2. **Eddy Current Losses:** At extremely high frequencies (multi-MHz), core losses may increase compared to specific ferrite grades. ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the -1A-R variant?
    • ⤷ Which manufacturers produce equivalents for the M2PHS series?
    • ⤷ How does a metal alloy core differ from a ferrite core in power inductors?