データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-24-R/CE

  • AI
    The **M2PHS2H-24-R/CE** is a specialized industrial component, typically categorized as a **Heavy-Duty Motorized Power Head** or a **Rotary Actuator System**, often used in precision automation or dispensing systems. Below is a breakdown of its electronic and electromechanical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC | Standard industrial control voltage. | | **Motion Type** | Rotary / High Torque | Designed for high-resistance mechanical loads. | | **Control Logic** | Relay or PLC Driven | Compatible with standard 24V PNP/NPN logic. | | **Compliance** | CE Certified | Meets European safety and electromagnetic standards. | | **Housing** | Ruggedized Metal | Protects internal electronics from EMI and physical damage. | --- ### 2. Internal Electronic Components The device consists of several critical sub-systems that allow it to function within an automated environment: #### A. DC Drive Motor The heart of the unit is a **24V DC motor**. Depending on the specific application (such as a pump head or a rotary valve), this is usually a brushed or brushless motor geared down to provide significant torque at controlled speeds. #### B. Feedback Mechanisms (Sensors) To communicate with a PLC (Programmable Logic Controller), the unit typically contains: * **Limit Switches:** Mechanical or optical sensors to prevent over-rotation. * **Position Encoders:** Used if the "R" designation refers to high-resolution indexing. #### C. Circuit Protection * **Overcurrent Protection:** Internal fuses or thermistors to prevent motor burnout during a mechanical jam. * **Reverse Polarity Protection:** Prevents damage if the 24V DC input wires are swapped during installation. --- ### 3. Wiring and Integration The electronic interface usually follows a standard industrial pinout: ```yaml Pin Configuration (General): 1: +24V DC (Power) 2: 0V (Common/GND) 3: Control Signal (Start/Stop) 4: Feedback Output (Ready/Fault) 5: PE (Protective Earth/Shield) ``` ### 4. Typical Applications * **Industrial Dispensing:** Controlling the flow of high-viscosity fluids. * **Conveyor Gates:** Actuating arms to divert products. * **Automated Valving:** Opening and closing heavy-duty fluid lines in manufacturing plants. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific torque rating for the M2PHS2H model?
    • ⤷ Can this unit be controlled via PWM for variable speed?
    • ⤷ What are the common failure modes for these 24V rotary actuators?