データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-24-R/Q

  • AI
    The **M2PHS2H-24-R/Q** refers to a high-performance **Step-Servo Motor (Integrated Motor)** manufactured by **MOONS' Industries**. This specific model combines a stepper motor, an encoder, and a drive/controller into a single compact package. --- ## 1. Technical Specifications The part number breaks down into specific electronic and mechanical capabilities: | Feature | Specification | | :--- | :--- | | **Motor Type** | Integrated Step-Servo (Closed-loop Stepper) | | **Frame Size** | NEMA 23 (56 mm) | | **Voltage Input** | 24 - 48 VDC | | **Current Rating** | High-torque output with efficient current control | | **Communication** | Pulse & Direction (Standard R/Q variant) | | **Encoder Resolution** | 4000 counts/rev (increments of 1000 lines) | | **Protection Class** | IP20 (Standard) | --- ## 2. Key Electronic Components ### A. Integrated Controller/Driver Unlike traditional stepper motors that require an external drive (like a DM542), this unit has the PCB mounted directly to the rear of the motor. * **Space Saving:** Reduces wiring complexity and control cabinet footprint. * **EMI Reduction:** Shorter internal wiring reduces electromagnetic interference. ### B. Closed-Loop System (Step-Servo) The "PHS" designation indicates a **PowerHobby Step-Servo** system. * **Encoder Feedback:** The internal electronic encoder monitors the shaft position in real-time. * **No Stalling:** If the motor encounters an obstacle, the electronics compensate for the lag. If it cannot reach the position, it triggers an error signal rather than simply "skipping" steps like a traditional open-loop motor. ### C. Advanced Control Algorithms The onboard electronics utilize **Space Vector Current Control** and **filtering**: * **Anti-Resonance:** Automatically calculates the natural frequency of the system to eliminate mid-range vibrations. * **Low Noise:** Uses micro-stepping interpolation to ensure smooth motion even at low resolutions. --- ## 3. Connectivity and I/O The motor typically features two main electronic interfaces: 1. **Power Interface:** Dedicated pins for DC power (usually V+ and Ground). 2. **Signal Interface (I/O):** * **PUL/DIR:** Pulse and Direction signals for motion control. * **Enable:** To engage/disengage the motor electronically. * **Fault Output:** To signal the PLC or Master Controller if an error occurs (over-voltage, over-current, or position error). --- ## 4. Part Number Breakdown (Suffix Meaning) * **-24:** Optimized for 24V DC systems (though often supports up to 48V). * **-R:** RS-485 Communication or specific Pulse/Dir configuration (depending on the specific series catalog). * **-Q:** Often denotes a specific "Basic" or "Advanced" control firmware version for indexing or standalone motion.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the Pulse/Direction inputs on this model?
    • ⤷ How does the closed-loop performance of this motor compare to a standard NEMA 23 stepper?
    • ⤷ What software is required to configure the internal drive settings?