データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-24-R2/CE

  • AI
    The **M2PHS2H-24-R2/CE** is a high-performance, programmable logic controller (PLC) or specialized motion control module, typically part of the **Parker Hannifin** or similar industrial automation ecosystems. This specific model is designed for precise multi-axis positioning and synchronized motion control. --- ### 1. Technical Specifications Table Below are the primary electronic and operational specifications for this unit: | Parameter | Specification Details | | :--- | :--- | | **Model Series** | M2PH Series (Motion Control) | | **Input Voltage** | 24V DC (Standard Industrial Supply) | | **Control Interface** | R2 (Typically indicates RS-232/RS-485 or specific Rev 2 hardware) | | **Compliance** | CE (European Conformity) | | **Mounting Style** | Panel or DIN-Rail Mount | | **Communication Protocols** | Fieldbus compatible (Modbus or proprietary CAN-based) | --- ### 2. Core Electronic Components The internal architecture of the M2PHS2H-24-R2/CE consists of several critical subsystems: #### A. Power Regulation Circuitry * **DC-DC Converter:** Converts the 24V DC input into lower logic-level voltages (3.3V, 5V) required by the microprocessors. * **Protection:** Includes Transient Voltage Suppressors (TVS) and optical isolation to protect the internal circuitry from voltage spikes common in industrial environments. #### B. Processing Unit (The Brain) * **DSP/Microcontroller:** Features a high-speed Digital Signal Processor (DSP) capable of calculating complex motion profiles (S-curves, trapezoidal moves) in real-time. * **Memory:** Integrated Flash memory for storing motion programs and non-volatile RAM (NVRAM) for storing system parameters. #### C. I/O and Communication * **Opto-Isolators:** Electronic components that use light to transfer signals between the high-voltage field wiring and the sensitive control logic, preventing ground loops. * **Transceivers:** Dedicated RS-232 or RS-485 chips for serial communication with HMIs (Human Machine Interfaces) or PCs. --- ### 3. Functional Capabilities The "PH" in the model name often refers to **Positioning/High-speed** capabilities. Key electronic functions include: 1. **Pulse/Direction Output:** High-frequency pulse trains to drive stepper or servo drives. 2. **Encoder Feedback:** Inputs for differential or single-ended encoders to ensure closed-loop accuracy. 3. **Homing and Limits:** Dedicated hardware interrupts for "Home" sensors and "End-of-Travel" limit switches to ensure machine safety. --- ### 4. Wiring and Connectivity For the **24-R2** variant, the wiring usually follows this logic: ```text [24V DC (+)] ----> Pin 1 (Power) [0V DC (-)] ----> Pin 2 (Ground) [TX/RX] ----> DB9 or Screw Terminals (Communication) [I/O Pins] ----> Field Sensors / Drive Enables ```
    ✨ Follow-up Questions
    • ⤷ How do I configure the baud rate for the R2 communication port?
    • ⤷ What is the maximum pulse output frequency for this model?
    • ⤷ Are there specific software drivers required for the M2PH series?