データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-24-R2/Q

  • AI
    The **M2PHS2H-24-R2/Q** is a high-performance, programmable DC-DC power module, often utilized in industrial, telecommunications, and high-reliability computing environments. It is part of a specialized series designed for high efficiency and compact power density. Below is a breakdown of its technical electronic characteristics and internal architecture. ### 1. Technical Specifications The following table summarizes the primary electrical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC (24V Nominal) | | **Output Voltage** | Adjustable (Typically 0.8V to 5.0V) | | **Current Rating** | High-amperage output (typically 40A - 80A depending on phase) | | **Topology** | Multi-phase Buck Converter | | **Efficiency** | > 92% at peak loads | | **Communication** | PMBus / I2C Interface | --- ### 2. Key Electronic Components & Subsystems #### A. Multi-Phase Controller The "2H" in the part number often refers to the internal architecture involving multiple phases. This allows the module to: * **Distribute Thermal Load:** Spreading current across multiple inductors and MOSFETs reduces heat concentration. * **Reduce Ripple:** Interleaving phases minimizes output voltage ripple, essential for powering CPUs and FPGAs. #### B. Integrated Power Stage (DrMOS) The module utilizes integrated driver-MOSFETs. Unlike discrete designs, these combine the high-side MOSFET, low-side MOSFET, and the driver IC into a single package. * **Benefit:** Reduces parasitic inductance and allows for much higher switching frequencies (up to 1MHz or more). #### C. Control Loop & PMBus The "/Q" suffix typically denotes a version with enhanced telemetry or specific qualification (such as automotive-grade or high-rel testing). * **Digital Control:** Users can monitor real-time current, temperature, and voltage via the PMBus. * **Protection Circuits:** Includes OVP (Over-Voltage Protection), OCP (Over-Current Protection), and OTP (Over-Temperature Protection). --- ### 3. Physical & Material Composition * **Substrate:** High-TG PCB to handle extreme thermal cycling. * **Inductors:** High-saturation powdered iron or ferrite cores designed for low DCR (DC Resistance). * **Capacitors:** A mix of ceramic (MLCC) for high-frequency noise decoupling and polymer capacitors for bulk energy storage. --- ### 4. Typical Application Circuit In a standard implementation, the module acts as a "Point of Load" (POL) converter: ```mermaid graph LR A[24V DC Input] --> B[Input Filter/EMI] B --> C[M2PHS2H Module] C --> D[Vcore / Low Voltage Rail] E[Microcontroller] -- PMBus --> C ```
    ✨ Follow-up Questions
    • ⤷ What are the specific PMBus commands used to adjust the output voltage on this module?
    • ⤷ Can you provide a thermal derating curve for the R2 version?
    • ⤷ What is the recommended footprint and layout for heat dissipation?