データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-2A-R2/CE

  • AI
    The **M2PHS2H-2A-R2/CE** is a high-performance industrial solid-state power controller, specifically a **Single-Phase Thyristor Power Regulator**. It is designed for precise control of electrical power delivered to resistive or inductive loads, commonly used in industrial heating applications. ### 1. Technical Specifications Below are the primary electronic and operational specifications: | Feature | Specification | | :--- | :--- | | **Control Type** | Phase Angle Control / Zero-Cross Control | | **Phase** | Single-Phase | | **Rated Voltage** | 200V - 240V AC (Standard) | | **Rated Current** | 20A (indicated by the '2A' in the code) | | **Input Signal** | 4-20mA, 1-5V DC, or Potentiometer | | **Output Range** | 0 - 98% of Load Voltage | | **Cooling Method** | Forced Air / Heatsink | --- ### 2. Key Electronic Components & Functions The unit functions through several integrated electronic subsystems: #### A. Power Switching (SCR/Thyristor) The heart of the unit consists of back-to-back **Thyristors (SCRs)**. Unlike mechanical relays, these electronic switches have no moving parts, allowing for millions of cycles without wear. They chop the AC waveform to regulate power. #### B. Control Circuitry (The "Brain") * **Microprocessor-based Logic:** Analyzes the input signal (e.g., 4-20mA from a PLC) and calculates the exact firing angle for the thyristors. * **Zero-Crossing Detection:** For specific modes, the unit identifies the exact moment the AC voltage hits 0V to minimize electromagnetic interference (EMI). #### C. Protection Electronics * **Snubber Circuit:** An internal RC (Resistor-Capacitor) network that protects the thyristors from high-voltage spikes ($dv/dt$). * **Overheating Sensor:** Typically includes a thermistor on the heatsink to trigger an alarm or shutdown if temperatures exceed safety limits. * **Fuse Protection:** High-speed electronic fuses (often G-type) are used to protect the semiconductors from short circuits. --- ### 3. Connection Terminals The device features specific electronic interfaces: 1. **Power Terminals (L1, T1):** Heavy-duty screw terminals for the main AC line and load connection. 2. **Control Inputs:** Polarity-sensitive terminals for the analog control signal. 3. **Alarm Output:** A dry contact relay output used to signal system failures to a central monitoring station. --- ### 4. Application Use-Case Because of its electronic precision, this part is used in: * **Plastic Extrusion:** Maintaining constant barrel temperature. * **Furnace Control:** Managing PID-based heat profiles. * **Drying Ovens:** Regulating high-wattage infrared lamps.
    ✨ Follow-up Questions
    • ⤷What is the difference between Phase Angle and Zero-Cross control in this unit?
    • ⤷ How should I wire the 4-20mA input signal to this controller?
    • ⤷ What are the common failure modes for these thyristor regulators?