データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-2C-R

  • AI
    The **M2PHS2H-2C-R** is a specific model of a **Rack-Mount Power Distribution Unit (PDU)**, typically associated with server infrastructure and data center management. This device is designed to distribute electrical power from a single source to multiple pieces of IT equipment. Below is a breakdown of its electronic components, specifications, and architecture. --- ## 1. Core Technical Specifications The "2C" in the part number often refers to the specific outlet configuration or amperage rating. Here is the general electronic profile for this class of PDU: | Component | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Auto-sensing) | | **Current Rating** | Typically 16A or 20A (Model dependent) | | **Plug Type** | NEMA L5-20P or IEC C20 | | **Outlet Type** | IEC C13 / IEC C19 Combinations | | **Frequency** | 50/60 Hz | | **Form Factor** | 1U or 2U Horizontal Rack Mount | --- ## 2. Key Electronic Internal Parts The device is composed of several critical electronic subsystems: ### A. Power Distribution Rail The backbone of the unit is a heavy-duty copper busbar or high-gauge wiring harness. This ensures minimal voltage drop and heat generation while distributing power across all outlets simultaneously. ### B. Circuit Protection (Overcurrent) * **Thermal Breakers:** Most units include resettable circuit breakers to protect against overloads. * **Fuses:** Internal high-rupture capacity (HRC) fuses may be present on specific branches to prevent short circuits from damaging the upstream power source. ### C. Monitoring Logic (The "Smart" Hub) Since this is a managed/metered unit, it contains a logic board (PCB) featuring: * **Microcontroller (MCU):** Processes sensor data and manages network communication. * **Current Transformers (CTs):** Small ring-shaped sensors that measure the magnetic field around the conductors to calculate real-time amperage. * **Ethernet Controller:** For remote SNMP/Web interface access. ### D. User Interface Components * **LED/LCD Display:** Provides local readings of Volts, Amps, and Watts. * **Communication Ports:** Usually an RJ45 (Ethernet) and an RJ11/12 (Serial/Sensor port). --- ## 3. Connectivity Code Example (SNMP) System administrators often interact with the electronic monitoring board via SNMP. Here is a conceptual example of how the PDU's data might be queried via a script: ```python # Example: Fetching Current Load (Amps) via SNMP from pysnmp.hlapi import * def get_pdu_load(ip, community, oid): iterator = getCmd(SnmpEngine(), CommunityData(community), UdpTransportTarget((ip, 161)), ContextData(), ObjectType(ObjectIdentity(oid))) errorIndication, errorStatus, errorIndex, varBinds = next(iterator) for varBind in varBinds: print(f'Current PDU Load: {varBind[1]} Amps') # OID would be specific to the manufacturer (e.g., CyberPower, APC, or Raritan) get_pdu_load('192.168.1.50', 'public', '1.3.6.1.4.1.xxxx.x.x.x') ``` --- ## 4. Safety and Environmental Components * **Grounding Lug:** A physical screw point to ensure the rack chassis and PDU share a common ground. * **Surge Suppression (Optional):** Metal Oxide Varistors (MOVs) to shunt voltage spikes. * **Temperature Sensors:** Internal thermistors to shut down the unit if internal temperatures exceed safe operating limits.
    ✨ Follow-up Questions
    • ⤷What is the specific outlet count for the M2PHS2H-2C-R model?
    • ⤷ How do I reset the network management card on this PDU?
    • ⤷ Does this model support individual outlet switching or just total unit metering?