データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-A4-R2/CE

  • AI
    The **M2PHS2H-A4-R2/CE** is a high-precision, industrial-grade linear motor component, typically part of a high-performance motion control system manufactured by companies like **Hiwin** (based on the part numbering convention). It is designed for high-speed, high-accuracy positioning applications. --- ### 1. Component Overview This part belongs to the **M2 Series** of permanent magnet synchronous linear motors (PMSM). Unlike traditional rotary motors, linear motors provide direct drive motion, eliminating the need for mechanical transmission elements like ballscrews or belts. ### 2. Technical Specifications Breakdown | Feature | Specification / Description | | :--- | :--- | | **Motor Type** | Iron-core Linear Motor (High Force Density) | | **Cooling Method** | Natural Convection (Air-cooled) | | **Magnet Pitch** | Usually 32mm or 64mm (depending on the specific rail pairing) | | **Continuous Force** | High-output capability for industrial duty cycles | | **Certification** | **CE** (European Conformity) for safety and EMC standards | | **Configuration** | **R2**: Revision or specific winding configuration | --- ### 3. Key Electronic Characteristics * **Winding Configuration:** The "A4" designation typically refers to the internal winding arrangement (Star/Delta) and the voltage constant. These motors are driven by 3-phase AC Servo Drives. * **Feedback System:** While the motor itself is the "mover," it must be paired with an **Electronic Encoder** (Optical or Magnetic). The system operates in a closed-loop configuration to maintain sub-micron precision. * **Back EMF:** As a synchronous motor, it generates a Counter-Electromotive Force (Back EMF) proportional to the velocity. The electronic drive must be rated to handle the peak voltage generated during high-speed moves. * **Thermal Protection:** These units usually feature integrated **PTC Thermistors** or KTY sensors. These electronic components monitor the coil temperature and signal the drive to shut down if overheating occurs to prevent insulation failure. --- ### 4. Application Areas Because of its electronic efficiency and direct-drive nature, this part is found in: 1. **Semiconductor Manufacturing:** Wafer handling and lithography. 2. **FPD Manufacturing:** Flat panel display inspection. 3. **Laser Cutting:** High-speed X-Y Cartesian stages. 4. **Medical Automation:** High-speed liquid handling and scanning. --- ### 5. Connection Diagram Concept The electronic interface typically consists of two main cables: | Cable Type | Purpose | Internal Components | | :--- | :--- | :--- | | **Power Cable** | Motor Drive | U, V, W Phases + Ground | | **Signal Cable** | Protection | Thermal Sensors (Temp +/-) | ---
    ✨ Follow-up Questions
    • ⤷What specific servo drive models are compatible with the M2PHS2H series?
    • ⤷ How do I calculate the peak current requirements for this linear motor?
    • ⤷ What type of linear encoder resolution is recommended for sub-micron accuracy with this part?