データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-AB-R/N

  • AI
    The **M2PHS2H-AB-R/N** is a specific model identifier typically associated with **M.2 (NGFF) SSD Enclosures** or conversion adapters, often manufactured by brands like Orico or specialized hardware vendors. This specific part number refers to the internal PCBA (Printed Circuit Board Assembly) configuration. ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Interface (Internal)** | M.2 M-Key / B+M Key | | **Interface (External)** | USB 3.1 Gen 2 (Type-C) | | **Data Transfer Rate** | Up to 10Gbps | | **Supported Protocols** | NVMe (PCIe) and/or SATA (Dual Protocol depending on bridge chip) | | **Form Factor Support** | 2230, 2242, 2260, 2280 | | **Chipset** | Typically Realtek RTL9210B or JMicron JMS583 | --- ### 2. Core Electronic Components The "Electronic Parts" of this assembly consist of several critical subsystems: #### A. The Bridge Controller (The "Brain") This is the central Integrated Circuit (IC). It acts as a translator between the **NVMe/SATA** language of the SSD and the **USB** language of the computer. - **Function:** Handles data packet conversion, power management, and UASP (USB Attached SCSI Protocol) support. - **Cooling:** Usually requires a thermal pad to dissipate heat into the aluminum casing. #### B. Power Management Stage Because M.2 NVMe drives require high current (often 3.3V at 2A-3A) and USB ports provide 5V, the board contains: - **DC-DC Buck Converters:** Step down the 5V USB power to a stable 3.3V. - **Filter Capacitors:** Large SMT (Surface Mount Technology) capacitors that smooth out voltage ripples to prevent data corruption during high-speed writes. #### C. Connector Interface - **M.2 Slot:** A high-density 75-pin connector designed for high-frequency signals. - **USB-C Port:** A 24-pin reversible connector. In this specific model, it is often reinforced with extra solder points (through-hole) to prevent the port from snapping off during repeated plugging. #### D. Protection Circuitry - **TVS Diodes:** Protect the internal logic from Electrostatic Discharge (ESD) when plugging in the device. - **Overcurrent Protection:** Resettable fuses (PTCs) that cut power if the SSD shorts out, protecting the host computer's motherboard. --- ### 3. Schematic Overview (Logic Flow) ```mermaid graph LR A[USB-C Port] --> B[ESD Protection] B --> C[Bridge Chip: RTL9210B/JMS583] C --> D[M.2 NVMe Connector] E[5V Bus] --> F[3.3V Regulator] F --> D F --> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum storage capacity supported by this specific controller?
    • ⤷ Does this model support both NVMe and SATA M.2 drives simultaneously?
    • ⤷ How do I identify if the bridge chip is Realtek or JMicron on this board?