データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-AD-R2/N

  • AI
    The **M2PHS2H-AD-R2/N** is a specialized high-density power module, typically used in high-performance computing (HPC), telecommunications, and industrial power distribution systems. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications This module is part of a series often utilized for DC-DC power conversion or management. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 48V DC (Standard Telecom/Server range) | | **Output Type** | Regulated High-Current DC | | **Cooling** | Forced Air / Heatsink integrated | | **Mounting Type** | Plug-in / Rack-mount Module | | **Protection** | Over-voltage (OVP), Over-current (OCP), Over-temperature (OTP) | --- ### 2. Core Electronic Architecture The internal circuitry of the M2PHS2H-AD-R2/N is composed of several critical stages: #### A. Power Conversion Stage * **MOSFETs/IGBTs:** High-frequency switching transistors are used to step down or regulate the voltage. * **Inductors/Transformers:** Planar magnetic components are often used to maintain a low profile while handling high current density. #### B. Control & Monitoring logic * **PWM Controller:** Manages the switching frequency to ensure stable output voltage under varying loads. * **Microcontroller/ASIC:** Handles the communication protocols (such as PMBus or I2C) allowing the system to report health status, temperature, and power consumption. #### C. Filtering and Protection * **Capacitor Bank:** A mix of polymer and ceramic capacitors to reduce ripple voltage and handle transient spikes. * **Shunt Resistors:** Used for precise current sensing to trigger protection circuits if the load exceeds safety limits. --- ### 3. Pinout and Interface Layout While specific pin maps are proprietary to the manufacturer (often associated with brands like Delta or Emerson/Vertiv), the general interface includes: 1. **Power Input Pins:** Heavy-duty terminals for DC input. 2. **Logic Signals:** Low-voltage pins for "Power Good" signals, Remote On/Off, and I2C data. 3. **High-Current Output:** Busbar-style connectors to minimize resistive losses. --- ### 4. Implementation Code Example (Monitoring) If this module supports **PMBus**, engineers use code similar to the following to read the temperature or voltage status: ```python import smbus # Generic example for reading output voltage via I2C/PMBus bus = smbus.SMBus(1) address = 0x5E # Example I2C address for the power module def read_voltage(): # PMBus command for READ_VOUT is usually 0x8B data = bus.read_word_data(address, 0x8B) # Convert linear data format to actual voltage voltage = data / 4096.0 return voltage print(f"Current Output Voltage: {read_voltage()} V") ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific manufacturer datasheets for the R2/N revision?
    • ⤷ How does the N suffix change the environmental or lead-free specifications?
    • ⤷ Which server chassis is this specific power module compatible with?