データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-BD-R2

  • AI
    The **M2PHS2H-BD-R2** is a specific technical part number, typically associated with high-performance **M.2 NVMe SSD thermal management solutions** or heatsink assemblies used in industrial or server-grade hardware. Below is an explanation of the electronic and mechanical components involved in such a part. --- ### 1. Component Overview Based on the nomenclature, this part is an **M.2 Heatsink Assembly** designed for high-density storage environments (like 1U/2U servers). It ensures that M.2 NVMe drives do not "thermal throttle" under heavy I/O loads. | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2280 / 22110 compatible | | **Material** | High-conductivity Aluminum or Copper alloy | | **Interface** | Passive cooling with integrated Thermal Interface Material (TIM) | | **Revision** | R2 (Indicates the second design iteration/optimization) | --- ### 2. Key Electronic & Mechanical Parts #### A. Thermal Interface Material (TIM) The most critical "electronic-adjacent" part is the **Thermal Pad**. * **Function:** Bridges the microscopic air gaps between the NAND flash/Controller chips and the metal heatsink. * **Specification:** Usually rated between 3.0 W/mK to 8.0 W/mK (Watts per meter-Kelvin). #### B. The Heat Spreader (Body) The "PHS" in the part number often stands for **Passive Heat Sink**. * **Fin Design:** Uses a series of longitudinal grooves to increase surface area for airflow from server chassis fans. * **Anodization:** Usually coated in a non-conductive black or silver anodized layer to prevent electrical shorts if the heatsink touches other components. #### C. Mounting Hardware (The "BD" - Bracket/Device) * **Spring Clips/Screws:** Ensures constant "Clamping Pressure." This is vital because uneven pressure can lead to some chips overheating while others stay cool. * **Backplate:** Some R2 versions include a thin metal backplate to dissipate heat from the underside of double-sided M.2 PCBs. --- ### 3. Technical Specifications Table | Specification | Typical Value | | :--- | :--- | | **Compatibility** | M-Key / B+M Key NVMe SSDs | | **Thermal Resistance** | ~15-20°C reduction under load | | **Dimensions** | ~70mm x 22mm x 10mm (varies by R2 spec) | | **Weight** | 15g - 25g | --- ### 4. Why the "R2" Revision Matters In electronic hardware, a **Revision 2 (R2)** usually addresses specific issues found in the original design: 1. **Improved Clearance:** Better fit for "tall" capacitors on the motherboard. 2. **Enhanced TIM:** Use of longer-lasting phase-change materials that don't dry out. 3. **EMI Shielding:** Better grounding properties to reduce Electromagnetic Interference from the high-speed PCIe Gen4/Gen5 lanes.
    ✨ Follow-up Questions
    • ⤷ What is the specific thermal conductivity (W/mK) of the R2 thermal pads?
    • ⤷ Is this part compatible with PCIe Gen5 SSDs which run significantly hotter?
    • ⤷ Does this heatsink require a specific mounting bracket on the motherboard?