データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2H-CD-R

  • AI
    The **M2PHS2H-CD-R** is a specific model of an industrial-grade **M.2 NVMe SSD enclosure** (often marketed under the brand **ORICO**). It is designed to convert an internal M.2 NVMe solid-state drive into a high-speed external storage device. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The electronics inside this device are centered around a high-performance bridge controller that translates the PCIe protocol into a USB protocol. | Feature | Specification | | :--- | :--- | | **Bridge Controller** | Realtek RTL9210 or JMicron JMS583 (Revision dependent) | | **Output Interface** | USB 3.1 Gen2 Type-C | | **Data Transfer Rate** | Up to 10Gbps | | **Supported Protocols** | NVMe (PCIe Gen3 x2) | | **SSD Form Factors** | 2230, 2242, 2260, 2280 | | **Input Power** | 5V DC via USB-C | --- ### 2. Key Electronic Components #### A. The Bridge Chip (IC) The most critical part of the PCB is the **Bridge Controller**. This integrated circuit manages the communication between the M.2 NVMe interface and the USB-C port. It handles: * **UASP (USB Attached SCSI Protocol):** Increases data transfer speeds and reduces CPU utilization. * **TRIM Support:** Ensures the longevity and performance of the SSD. * **Power Management:** Enters "Sleep Mode" after periods of inactivity to prevent overheating. #### B. Power Management Circuitry The PCB includes a **DC-to-DC step-down converter**. NVMe drives typically require a stable 3.3V supply. Since USB provides 5V, the onboard regulators must convert this voltage efficiently to prevent drive damage. #### C. Thermal Management Because NVMe drives generate significant heat during 10Gbps transfers, the "CD-R" variant features: * **Aluminum Alloy Housing:** Acts as a passive heatsink. * **Internal Thermal Pad:** Bridges the gap between the SSD and the metal casing. * **Heat Dissipation Fins:** The "CD-R" model often features a finned surface area to increase the cooling rate. --- ### 3. Circuit Board Layout The internal PCB is generally designed with the following layout: ```mermaid graph LR USB_C[USB-C Port] --> Bridge[Bridge Controller IC] Bridge --> Voltage[Voltage Regulator 3.3V] Voltage --> M2_Slot[M.2 M-Key Slot] Bridge --> Flash[Firmware ROM] ``` 1. **USB-C Connector:** Reinforced to prevent snapping during frequent plugging. 2. **LED Indicator:** A small SMD LED that indicates power status (solid) and data activity (blinking). 3. **EEPROM:** A small memory chip that stores the device's firmware and vendor ID information. --- ### 4. Compatibility Notes * **M-Key Only:** The electronic pinout of this device is specifically for **NVMe (PCIe)** drives. It is generally not compatible with B-Key (SATA) M.2 drives unless it is a "Dual Protocol" variant. * **OS Support:** The hardware is "Plug and Play," meaning the onboard electronics are recognized natively by Windows, macOS, and Linux without external drivers.
    ✨ Follow-up Questions
    • ⤷ What are the performance differences between the RTL9210 and JMS583 bridge chips?
    • ⤷ How does the 'Sleep Mode' on this device affect SSD lifespan?
    • ⤷ Can this enclosure support 4TB or larger NVMe drives?