データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-12-R

  • AI
    ## Analysis of the M2PHS2L-12-R The **M2PHS2L-12-R** is a specific part number typically associated with **Electromagnetic Power Relays**. These components are used to control a high-power circuit with a low-power signal through electromagnetic induction. --- ### Technical Specifications Below are the typical technical parameters for this relay series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Coil Voltage** | 12V DC | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Mounting Type** | PCB (Through-Hole) | | **Contact Rating** | Usually 1A to 2A @ 30VDC / 120VAC | | **Terminal Shape** | Solder Pins | | **Seal Type** | Sealed / Flux Protection | --- ### Internal Electronics and Operation 1. **The Coil (Input Side):** The "12" in the part number indicates a **12V DC coil**. When current flows through this copper coil, it creates a magnetic field. 2. **The Armature:** The magnetic field pulls a metal lever (armature). This mechanical movement is what bridges the gap between contacts. 3. **The Contacts (Output Side):** * **DPDT Configuration:** This relay has two independent sets of changeover contacts. * **Common (COM), Normally Open (NO), and Normally Closed (NC):** Each pole switches between the NC and NO pins depending on whether the coil is energized. --- ### Typical Applications * **Telecommunications:** Switching signal lines. * **Industrial Control:** Interfacing between a PLC and a small motor or actuator. * **Medical Equipment:** Isolated switching for safety. * **Consumer Electronics:** Power management in appliances. --- ### Circuit Design Considerations When using the M2PHS2L-12-R in a PCB design, keep the following in mind: * **Flyback Diode:** Always place a diode (e.g., 1N4148) in parallel with the coil (anode to ground, cathode to VCC) to prevent voltage spikes when the relay turns off. * **Driving Transistor:** Since a microcontroller cannot usually provide enough current for the coil, use an NPN transistor (like 2N2222) or a MOSFET to drive the relay. * **Isolation:** The physical separation between the coil pins and the contact pins provides galvanic isolation, protecting your low-voltage logic from high-voltage loads.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for this specific relay model?
    • ⤷ Can this relay be driven directly by an Arduino or ESP32 pin?
    • ⤷ What are the physical dimensions and pinout for the M2PHS2L series?