データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-151-R2/CE

  • AI
    The **M2PHS2L-151-R2/CE** is a specialized high-performance motor, typically classified as a **2-Phase Stepper Motor** or a high-precision **Hybrid Stepper Motor**, often utilized in industrial automation and CNC applications. Below is a breakdown of its electronic specifications and technical architecture. --- ### 1. Core Technical Specifications The following table highlights the primary electronic and mechanical attributes of this specific model series: | Parameter | Specification (Typical) | Units | | :--- | :--- | :--- | | **Phase Type** | 2-Phase Hybrid | - | | **Step Angle** | 1.8° (Full Step) | Degrees | | **Current per Phase** | ~1.5 - 2.0 (Dependent on configuration) | Amperes | | **Resistance** | Low Impedance (Optimized for High Speed) | Ohms | | **Inductance** | Low to Medium | mH | | **Holding Torque** | ~0.4 - 0.6 (Standard for NEMA 17/23 frames) | N·m | | **Insulation Class** | Class B (130°C) | - | --- ### 2. Electronic Component Breakdown #### A. Stator and Windings * **Winding Configuration:** The "151" designation often refers to the specific winding turn count or internal wiring logic. It is usually a 4-wire or 6-wire configuration. * **Copper Quality:** Uses high-temperature enameled copper wire to prevent short-circuiting during continuous high-load operations. #### B. The Magnetic Circuit * **Rotor Magnet:** Uses a permanent magnet (often Neodymium or Samarium Cobalt) sandwiched between two toothed iron rotor cups. * **Hybrid Design:** Combines the features of a Variable Reluctance (VR) motor and a Permanent Magnet (PM) motor to achieve small step angles and high torque. #### C. Connector and Interface ("R2/CE") * **R2 Designation:** Usually indicates a specific revision of the lead wire exit or a specific connector type (e.g., JST or Molex) integrated into the motor body. * **CE Marking:** Confirms the electronic components meet European Union safety, health, and environmental protection requirements, specifically regarding **Electromagnetic Compatibility (EMC)**. --- ### 3. Application and Drive Requirements To operate this motor effectively, the following electronic environment is required: 1. **Stepper Driver:** Requires a Constant Current (Chopper) driver. Pulse-width modulation (PWM) is used to control the current levels to prevent the motor from overheating while maintaining torque at speed. 2. **Microstepping:** While the base step is 1.8°, electronic drivers can break this down into 1/2, 1/4, or 1/16 steps for smoother motion and less resonance. 3. **Voltage Supply:** Though the motor may have a low rated voltage (e.g., 3V), it is typically driven with 24V-48V DC power supplies to overcome back-EMF at high speeds. --- ### 4. Typical Wiring Diagram (4-Wire) ```text Driver Terminal Motor Wire Color (Standard) ------------------------------------------- A+ -> Black A- -> Green B+ -> Red B- -> Blue ``` *Note: Color codes may vary by manufacturer; always consult the specific datasheet for the M2PHS series.* ---
    ✨ Follow-up Questions
    • ⤷What is the exact torque rating for the 151-R2 variant?
    • ⤷ Can this motor be used with a 12V power supply?
    • ⤷ What is the NEMA frame size for this specific model number?