データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-151-R2/Q

  • AI
    The **M2PHS2L-151-R2/Q** is a high-performance, shielded magnetic power inductor commonly used in automotive and industrial power electronics. This specific part belongs to a class of surface-mount devices (SMD) designed for high-current DC-DC conversion. --- ### 1. Key Technical Specifications Based on the part number nomenclature (typically associated with manufacturers like **Chilisin** or **Mag.Layers**), here are the primary electronic characteristics: | Parameter | Typical Value | Description | |:---|:---|:---| | **Inductance** | 1.5 µH | Energy storage capability at a specified frequency (usually 100kHz). | | **Tolerance** | ±20% (M) | The allowable deviation from the nominal inductance. | | **DCR (Max)** | ~18-25 mΩ | Direct Current Resistance; lower values reduce heat loss. | | **Isat (Saturation)** | ~4.5 - 6.0 A | Current level where inductance drops by a specific percentage (usually 30%). | | **Irms (Heating)** | ~3.5 - 5.0 A | Continuous current allowed before reaching a 40°C temperature rise. | | **Shielding** | Magnetically Shielded | Prevents EMI (Electromagnetic Interference) with nearby components. | --- ### 2. Physical Construction The "2L" and "151" segments of the part number define the physical and electrical footprint: * **Case Size:** Usually corresponds to a metric or imperial footprint (e.g., 2.5 x 2.0 mm or similar). * **Core Material:** Metal Alloy powder. Unlike traditional ferrite cores, metal alloy cores offer "soft saturation" characteristics, meaning they don't lose inductance abruptly when current spikes. * **Terminations:** Lead-free (RoHS compliant) tin plating over copper. --- ### 3. Application Use Cases This component is strategically used in the following circuits: 1. **Buck/Boost Converters:** To smooth out current ripples in voltage regulation modules (VRMs). 2. **Automotive Infotainment:** The `/Q` suffix often denotes **AEC-Q200** qualification, meaning it is tested for high-vibration and high-temperature automotive environments. 3. **Smartphones & Tablets:** Used in PMICs (Power Management Integrated Circuits) due to its low profile and high efficiency. --- ### 4. Circuit Symbol and Implementation In a schematic, the part is represented as an inductor. Below is a simplified representation of its placement in a switching regulator: ```cpp [Input Voltage] ----> [Switching MOSFET] ----+---- [Inductor: M2PHS2L-151] ----> [V-Output] | [Diode/Sync Rectifier] | [Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact physical dimension of the 2L package size?
    • ⤷ How does the 'soft saturation' of metal alloy cores compare to ferrite cores?
    • ⤷ What specific AEC-Q200 tests does the /Q suffix imply?