データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-153-R2/CE

  • AI
    The **M2PHS2L-153-R2/CE** is a specialized high-performance sensor, typically categorized as a **Two-Phase Hall Effect Speed/Position Sensor**. It is widely used in automotive and industrial applications to monitor the rotation of gears or magnetic encoders. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the electronic characteristics are generally as follows: | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Hall Effect (Dual Element) | | **Supply Voltage (Vcc)** | 4.5V to 24V DC | | **Output Type** | Open Collector (requires pull-up resistors) | | **Phases** | 2-Phase (A and B channels) | | **Phase Shift** | ~90° electrical (Quadrature) | | **Current Consumption** | < 20mA | | **Operating Temp** | -40°C to +125°C | --- ### 2. Internal Electronic Components The device consists of several integrated layers within its housing: * **Dual Hall Elements:** Two silicon-based sensing chips spaced a precise distance apart to detect magnetic flux changes. * **Differential Amplifier:** Amplifies the small voltage changes generated by the Hall elements. * **Schmitt Trigger:** Converts the analog sine-wave signals into clean, square-wave digital signals to prevent "jitter" or false triggering. * **Output Transistors:** Typically NPN transistors that "sink" current when a magnetic pole is detected. --- ### 3. Wiring and Pinout The device usually features a 4-pin or 4-wire configuration: 1. **Vcc (Red/Brown):** Positive power supply input. 2. **GND (Black/Blue):** Common ground. 3. **Signal A (White/Green):** First pulse train output. 4. **Signal B (Yellow/Orange):** Second pulse train output (shifted 90° for direction sensing). --- ### 4. Logic Behavior (Quadrature) Because it provides two phases, the electronics allow the controller (PLC or ECU) to determine both **speed** and **direction**. ```text Clockwise Rotation: Phase A leads Phase B Counter-Clockwise: Phase B leads Phase A ``` --- ### 5. Circuit Implementation Example When connecting this sensor to a microcontroller (like an Arduino or STM32), you must account for the Open Collector output. ```cpp // Typical Arduino Setup for M2PHS2L const int pinA = 2; // Signal A const int pinB = 3; // Signal B void setup() { // Internal pull-up is required if external resistors are not used pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); Serial.begin(9600); } ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the RPM based on the pulse frequency of this sensor?
    • ⤷ What are the specific pull-up resistor values recommended for a 24V system?
    • ⤷ Can this sensor detect non-magnetic metal gears or does it require a magnet?