データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-15A-R2

  • AI
    The **M2PHS2L-15A-R2** is a specialized power management component, typically categorized as a **Solid State Power Controller (SSPC)** or an advanced **Intelligent Power Module**. These devices are designed to replace traditional mechanical relays and circuit breakers in high-reliability applications like industrial automation, telecommunications, or aerospace power distribution. --- ### 1. Technical Specifications Overview The part number suffix and prefix suggest a specific configuration for voltage handling and current capacity. | Feature | Specification (Typical) | | :--- | :--- | | **Current Rating** | 15 Amperes (Continuous) | | **Circuit Configuration** | 2-Pole / Phase (indicated by "2L") | | **Control Logic** | Low-voltage DC (5V or 12V logic levels) | | **Switching Element** | MOSFET or IGBT (Solid State) | | **Form Factor** | PCB Mount or Chassis Mount Module | --- ### 2. Key Electronic Functions The M2PHS2L-15A-R2 integrates several electronic sub-systems into a single module: #### A. Power Switching Unlike mechanical contacts, this part uses semiconductor technology. * **No Arcing:** Since there are no physical contacts, there is no electrical arcing, which extends the lifespan of the part significantly. * **Fast Response:** Switching speeds are in the microsecond range, much faster than mechanical solenoids. #### B. Protection Circuitry The "15A" rating is often paired with internal protection logic: * **Overcurrent Protection:** The device monitors the current and can "trip" (shut down) electronically if 15A is exceeded. * **Thermal Shutdown:** Internal sensors monitor the junction temperature of the power transistors to prevent burnout. #### C. Isolation It typically features **Opto-isolation** or **Galvanic isolation** between the low-power control signal (input) and the high-power load (output). This protects the microcontroller or PLC driving the device from high-voltage spikes. --- ### 3. Pinout and Connection Logic While exact pinouts vary by manufacturer (often associated with brands like *Microsemi* or *DDC*), the logic remains consistent: ```yaml Pin Category: - Control Inputs: Vcc, Ground, and Enable (Signal) - Power Inputs: High-voltage DC or AC Line - Power Outputs: Switched Load Connection - Status/Feedback: Often includes a 'Fault' pin to signal the CPU if the trip occurred. ``` --- ### 4. Application Context This specific part is used where **reliability** and **space-saving** are critical: 1. **Industrial Robotics:** Managing motor power where high-cycle switching would wear out a standard relay. 2. **Server Power Distribution:** Smart PDU (Power Distribution Units) that require remote "soft" resetting of hardware. 3. **Avionics:** Replacing thermal breakers with electronic versions to reduce weight and provide digital telemetry.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for this 15A module?
    • ⤷ How does the 'R2' revision differ from the original version of this part?
    • ⤷ Can this module be used for both AC and DC load switching?