データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-15B-R2/N

  • AI
    The **M2PHS2L-15B-R2/N** refers to a high-precision, low-profile **Magnetic Linear Encoder System** (often associated with brands like Magnescale or similar industrial sensing manufacturers). These devices are used to translate linear motion into electronic signals for position feedback in CNC machines and automated systems. --- ### 1. Technical Specifications Overview This specific model string breaks down into several key electronic and mechanical components: | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Magnetic Induction / Magnetoresistive | | **Output Signal** | A/B Phase (Quadrature) Differential Line Driver | | **Resolution** | Typically 0.5µm to 5µm (depending on interpolation) | | **Power Supply** | 5V DC ± 5% | | **Cable Length** | 1.5 Meters (Indicated by "-15") | | **Connector Type** | Usually a D-sub 9-pin or specialized circular connector | --- ### 2. Key Electronic Components #### A. Magnetoresistive (MR) Sensor Head The "heart" of the device is the MR sensor head. It detects changes in magnetic flux from a magnetized scale (magnetic tape). - **Function:** As the head moves, the resistance changes in response to the magnetic poles on the scale. - **Benefit:** Unlike optical encoders, these are immune to oil, dust, and vibration. #### B. Signal Processing Circuitry (Interpolation) Inside the reader head or the inline module, there is an ASIC (Application Specific Integrated Circuit) that: - **Amplifies** the weak analog sine/cosine signals from the sensor. - **Interpolates** the signals to increase resolution. - **Converts** signals into a digital square wave (RS-422 standard). #### C. Differential Line Driver The electronic output uses a differential pair (A, /A, B, /B, Z, /Z). - **Purpose:** To ensure high noise immunity over long cable runs. - **Interface:** Compatible with most high-speed PLC counters and CNC controllers. --- ### 3. Wiring Configuration (General) Most units in this series follow a standard industrial pinout for RS-422 signals: ```yaml Pin 1: PCA (Phase A) Pin 2: /PCA (Phase A Inverse) Pin 3: PCB (Phase B) Pin 4: /PCB (Phase B Inverse) Pin 5: +5V Power Pin 6: 0V (GND) Pin 7: PCZ (Reference Mark / Index) Pin 8: /PCZ (Index Inverse) Pin 9: Shield/FG ``` --- ### 4. Application Context These parts are electronically designed for **harsh environments**. Because the sensing is magnetic rather than optical, the electronic components are usually encapsulated in a metal housing (R2/N designation often refers to a specific revision or housing style) to provide: 1. **EMI Shielding:** Protecting the signal from motor noise. 2. **Thermal Stability:** Maintaining accuracy despite temperature fluctuations in machine tools.
    ✨ Follow-up Questions
    • ⤷ What is the maximum response speed for this encoder model?
    • ⤷ How does magnetic interference affect the accuracy of the MR sensor?
    • ⤷ Is this model compatible with standard Fanuc or Siemens CNC controllers?