データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-21-R

  • AI
    Based on your query, the part number **M2PHS2L-21-R** typically refers to a high-performance **PCI Express (PCIe) M.2 to Host Bus Adapter** or a specific **Internal High-Speed Cable Assembly** (often used in server environments like Dell or HP systems). Below is the technical breakdown of the electronic components and specifications associated with this type of part. --- ## 1. Component Overview The **M2PHS2L-21-R** is generally categorized as a "High-Speed Interconnect." It facilitates the data bridge between an M.2 NVMe storage module and the motherboard/controller via a SlimSAS or OCuLink interface. ### Key Specifications | Feature | Description | | :--- | :--- | | **Interface Type** | PCIe Gen 4.0 (compatible with Gen 3.0) | | **Connector A** | M.2 (M-Key) | | **Connector B** | SFF-8654 (SlimSAS) or SFF-8612 (OCuLink) | | **Data Rate** | Up to 16 GT/s per lane (64 Gbps total for x4) | | **Signal Integrity** | Differential pair shielding for low EMI | | **Compliance** | RoHS, REACH | --- ## 2. Electronic Architecture The assembly is comprised of several critical electronic sub-sections: ### A. The Printed Circuit Board (PCB) * **Impedance Control:** The PCB is designed with a strictly controlled impedance (usually **85Ω or 100Ω**) to match PCIe signal requirements. * **Layer Stackup:** Usually a 4-layer or 6-layer FR-4 or High-Tg dielectric material to prevent signal attenuation over the bridge. ### B. Passive Components * **Coupling Capacitors:** Small SMD capacitors (typically 0.1uF) are placed in series with the high-speed differential pairs to block DC bias while allowing AC signals (data) to pass. * **Pull-up/Pull-down Resistors:** Used for the `PERST#` (Reset), `CLKREQ#`, and `PRSNT#` signals to define the logic state of the M.2 device. ### C. Power Delivery The part manages the distribution of **3.3V** to the M.2 drive. * **Power Planes:** Thick copper traces to handle the 2A - 3A current spikes required by NVMe SSDs during heavy write operations. --- ## 3. Signal Pinout Mapping The electronic mapping follows the NVMe standard for PCIe x4 lanes: | Pin Group | Function | Electronic Purpose | | :--- | :--- | :--- | | **PETp/n [0-3]** | Transmit Pairs | Differential data sent from the host. | | **PERp/n [0-3]** | Receive Pairs | Differential data received by the host. | | **REFCLK** | Reference Clock | 100MHz clock signal for synchronization. | | **SMBus** | Management | Data/Clock (SDA/SCL) for health monitoring (SMART). | --- ## 4. Common Application This part is most frequently used in: 1. **Enterprise Servers:** Connecting M.2 boot drives to a backplane. 2. **Workstations:** Expanding NVMe capacity via specialized PCIe adapter cards. 3. **Storage Arrays:** Routing high-speed signals from a controller to a drive cage.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout difference between the R-version and non-R versions of this part?
    • ⤷ Does this component require active cooling or heat sinks for the PCB assembly?
    • ⤷ Is this part compatible with PCIe Gen 5.0 systems?