データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-24-R

  • AI
    The **M2PHS2L-24-R** is a specific model of an **Industrial LED Signal Tower** (commonly known as a stack light), typically manufactured by companies like Menics. These devices are used in automation and manufacturing to indicate the status of machinery. ### 1. Technical Specifications Breakdown The alphanumeric code describes the core electronic and physical attributes of the unit: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | M2PH | 25mm diameter modular signal tower. | | **Mounting** | S | Pole mount (Surface mount with a pole). | | **Light Style** | 2 | Number of stacked light modules (Red & Green). | | **Function** | L | Continuous light (Steady burn). | | **Voltage** | 24 | 24V AC/DC Operating Voltage. | | **Color Code** | R | Red/Green (Standard industry sequence). | --- ### 2. Internal Electronic Components The device consists of several key electronic subsystems: #### A. LED Array (The Light Source) Unlike older incandescent bulbs, the M2PHS2L uses high-intensity LEDs. * **Efficiency:** Consumes significantly less power (approx. 20-50mA per tier). * **Durability:** Vibration resistant, which is critical for mounting on industrial CNCs or conveyor belts. * **Circuitry:** Each tier contains a small PCB with current-limiting resistors to protect the LEDs from the 24V input. #### B. Power Conversion & Regulation * **Voltage Range:** Designed for **24V AC/DC**. It usually contains a bridge rectifier (to handle AC) and a voltage regulator or Zener diode circuit to stabilize the current. * **Polarity Protection:** Most modern units include diodes to prevent damage if the DC wiring is accidentally reversed. #### C. Control Interface (Wiring) The base contains the terminal connections. The electronic logic is "Sink/Source" compatible: * **Common Wire:** Usually black or white. * **Signal Wires:** Colored wires corresponding to the lens (Red wire for Red light, etc.). * **Switching:** Designed to be triggered by PLC (Programmable Logic Controller) outputs or manual industrial switches. --- ### 3. Connection Diagram (General) ```mermaid graph LR A[24V Power Supply] --> B{PLC / Switch} B --> C[Red Wire: Red Light] B --> D[Green Wire: Green Light] C --> E[Common/Neutral] D --> E ``` --- ### 4. Key Features for Electronics Integration 1. **NEMA/IP Rating:** Usually IP65, meaning the electronics are fully sealed against dust and water jets. 2. **Modular Design:** The "M2" series allows for the electronic "tiers" to be unscrewed and rearranged or replaced without rewiring the base. 3. **Low Heat Emission:** The use of LEDs ensures the plastic housing does not warp over long periods of "Always On" operation.
    ✨ Follow-up Questions
    • ⤷ How do I wire this signal tower to a NPN vs PNP PLC output?
    • ⤷ Can I add a buzzer module to this specific M2 series model?
    • ⤷ What is the maximum current draw when both lights are active?