データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-24-R/N

  • AI
    Based on the part number **M2PHS2L-24-R/N**, this component belongs to a series of industrial **Pushbutton Switches**, typically manufactured by brands like **DECA SwitchLab**. These switches are modular and designed for control panels, offering tactile feedback and visual indication. --- ### 1. Part Number Breakdown | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | M2 | 22mm / 16mm Industrial Control Series | | **Style** | PHS | Pushbutton (High-head/Square or Rectangular) | | **Operation** | 2L | DPDT (2 Changeover contacts) / Latching (Maintained) | | **Voltage** | 24 | 24V AC/DC (Integrated LED Voltage) | | **Color** | R | Red Lens/Actuator | | **Terminal** | N | Solder/Plug-in Terminals (Standard) | --- ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Mounting Hole** | 16mm (Common for this series) | | **Contact Configuration** | 2C (DPDT - Double Pole Double Throw) | | **Switch Action** | Latching (Push-on, Push-off) | | **Illumination Source** | High-brightness LED | | **Electrical Rating** | 250V AC / 5A (Typical) | | **Protection Class** | IP40 / IP65 (Depending on sealing used) | | **Insulation Resistance** | > 100MΩ | | **Contact Resistance** | < 50mΩ | --- ### 3. Electronic Components Internal to the Switch The device is more than just a mechanical contact; it contains several electronic sub-assemblies: 1. **The LED Module:** * **Light Emitting Diode:** Provides the red illumination. * **Current-Limiting Resistor:** Integrated internally to allow direct connection to a **24V** power supply without burning out the diode. 2. **Contact Block:** * **Silver Contacts:** Used for high conductivity and to prevent oxidation during high-frequency switching. * **Mechanical Latch:** A heart-shaped cam mechanism that holds the switch in the "down" position until pressed again. 3. **Terminals:** * Designed for **Solder** or **Quick-connect** (N-type), usually gold-plated or silver-plated to ensure low resistance. --- ### 4. Typical Wiring Diagram ```text LED Terminals: (+) and (-) -> Connect to 24V DC Switch Terminals: - COM (Common) - NO (Normally Open) - NC (Normally Closed) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between latching and momentary versions of this switch?
    • ⤷ Can this switch be used with a 12V power supply instead of 24V?
    • ⤷ What are the environmental ratings (IP) for this specific model?