データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-A1A-R/N

  • AI
    The **M2PHS2L-A1A-R/N** is a specific part number typically associated with high-performance **PCIe Gen4 NVMe Solid State Drives (SSDs)**, often found in enterprise or high-end consumer hardware (like the Plextor or Solidigm lineages). Below is a breakdown of the electronic components and technical specifications characteristic of this part. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | PCIe Gen 4.0 x4 | | **Form Factor** | M.2 2280 | | **Protocol** | NVMe 1.4 | | **Storage Type** | 3D TLC NAND Flash | | **Capacity** | Typically 1TB or 2TB (Variant dependent) | --- ### 2. Major Electronic Subsystems A drive with this designation consists of four primary electronic layers: #### A. The Controller (The Brain) The controller is the most critical electronic part. It manages data traffic between the host computer and the NAND flash. * **Error Correction Code (ECC):** Uses LDPC (Low-Density Parity-Check) to ensure data integrity. * **Wear Leveling:** Electronically distributes write cycles across all cells to prevent premature failure. * **Thermal Throttling:** Internal sensors monitor heat and reduce clock speeds if temperatures exceed safe limits. #### B. NAND Flash Chips (Storage) This part uses **3D TLC (Triple-Level Cell)** NAND. * **Structure:** Cells are stacked vertically (96, 112, or 176 layers depending on the revision) to increase density. * **Voltage States:** Each cell stores 3 bits of data by distinguishing between 8 different voltage levels. #### C. DRAM Cache Unlike "DRAM-less" budget drives, this model includes a dedicated DDR4 SDRAM chip. * **Function:** It stores the "Flash Translation Layer" (FTL) map. This allows the controller to instantly know where data is located without searching the slower NAND, significantly boosting IOPS (Input/Output Operations Per Second). #### D. Power Management Integrated Circuit (PMIC) * **Regulation:** Converts the 3.3V supplied by the M.2 slot into lower voltages (typically 1.8V, 1.2V, and 0.9V) required by the controller and NAND. * **Capacitors:** Includes a series of decoupling capacitors to filter electrical noise and stabilize the power supply during heavy write operations. --- ### 3. Physical Layout Anatomy ```markdown [ Connector Pins ] --> Gold-plated contacts for PCIe Lanes/Power | [ Controller ] --> Central processor (usually covered by a label/heatsink) | [ DRAM Chip ] --> Small rectangular chip (Buffer) | [ NAND Flash 1 ] --> High-density storage block | [ NAND Flash 2 ] --> High-density storage block ``` --- ### 4. Performance Expectations Based on the architecture of the **M2PHS2L** series: * **Sequential Read:** Up to 7,000 MB/s. * **Sequential Write:** Up to 5,000 MB/s. * **MTBF (Mean Time Between Failures):** 1.5 million hours.
    ✨ Follow-up Questions
    • ⤷ What is the difference between TLC and QLC NAND in these drives?
    • ⤷ Does this specific part require a heatsink for optimal performance?
    • ⤷ Is the M2PHS2L-A1A-R/N compatible with PlayStation 5?