データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-AB-R2

  • AI
    The **M2PHS2L-AB-R2** is a specific part number typically associated with high-performance storage interface adapters or solid-state drive (SSD) carrier cards, often used in industrial or enterprise computing environments. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. General Specifications This device is generally a **Dual M.2 NVMe to PCIe x8 Gen4 Adapter Card**. It allows users to mount M.2 SSDs onto a standard PCIe slot on a motherboard. | Component | Specification | | :--- | :--- | | **Interface Type** | PCIe 4.0 x8 (Compatible with x16 slots) | | **Drive Support** | 2x M.2 NVMe SSD (M-Key) | | **Form Factor** | Low Profile / Half-Length | | **Data Transfer Rate** | Up to 16 GT/s per lane (PCIe Gen4) | | **RAID Support** | Supports VROC (Intel) or AMD RAIDXpert2 | --- ### 2. Key Electronic Parts & Subsystems #### A. PCIe Bridge / Switch Chip The heart of the card is often a **PCIe Packet Switch** (such as a Broadcom/PEX or ASMedia chip). * **Function:** It manages the data flow between the single PCIe x8 host interface and the two individual M.2 slots. * **Bifurcation:** Some versions rely on "PCIe Bifurcation," meaning the motherboard BIOS must support splitting the x8 slot into x4/x4. If the card has a dedicated switch chip, it can function on boards without bifurcation support. #### B. Power Management (VRM) To ensure the M.2 drives receive stable power, the card includes: * **DC-to-DC Converters:** Steps down the 12V from the PCIe slot to the 3.3V required by M.2 SSDs. * **Inductors & Capacitors:** Used for filtering electronic noise to prevent data corruption during high-speed transfers. #### C. Thermal Management * **Heatsink:** Usually equipped with a large aluminum heatsink to dissipate heat from the NVMe controllers. * **Thermal Pads:** High-conductivity pads placed between the SSD and the PCB/Heatsink. --- ### 3. Connection Pinout (M.2 M-Key) The electronic interface for the SSD slots follows the standard M-Key pinout for NVMe: ```markdown Pins 1-11: GND and 3.3V Power Pins 12-19: PCIe Lane 0 (Transmit/Receive) Pins 20-31: PCIe Lane 1 (Transmit/Receive) Pins 32-43: PCIe Lane 2 (Transmit/Receive) Pins 44-55: PCIe Lane 3 (Transmit/Receive) Pins 59-75: Configuration and Sideband signals (SMBus, Clock) ``` --- ### 4. Comparison: R2 Revision vs. Previous The **"R2"** suffix typically denotes a second revision of the hardware. Common changes in an R2 electronic design include: 1. **Improved Signal Integrity:** Better PCB trace routing to support PCIe 4.0 speeds without interference. 2. **Updated Firmware:** If a switch chip is present, the R2 often contains updated microcode for better compatibility with newer NVMe 1.4/2.0 drives. 3. **Enhanced Caps:** Upgraded solid capacitors for better longevity under high heat.
    ✨ Follow-up Questions
    • ⤷ Does this card require motherboard PCIe bifurcation support to see both drives?
    • ⤷ What is the maximum power draw supported per M.2 slot on this adapter?
    • ⤷ Is the M2PHS2L-AB-R2 compatible with PCIe 5.0 slots?