データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M2PHS2L-BA-R2/N

  • AI
    The **M2PHS2L-BA-R2/N** is a specific model within the industrial switch and indicator series, typically manufactured by companies like **DECA SwitchLab**. It belongs to the 16mm or 22mm modular switch family, designed for control panels and automation interfaces. Below is a breakdown of its electronic and mechanical components. --- ### 1. Component Identification This part number typically describes a **pushbutton switch** with specific characteristics: | Feature | Description | | :--- | :--- | | **Series** | M2 (High-performance industrial control series) | | **Shape** | Round or Square (Typically 16mm/22mm mounting diameter) | | **Action** | Latch (Maintain) or Momentary (Depends on the suffix) | | **Illumination** | LED Integrated (indicated by the 'L' and color codes) | | **Contact Block** | Integrated DPST or SPDT configuration | --- ### 2. Electrical Specifications The electronic integrity of this part is defined by its contact ratings and insulation properties. * **Contact Rating:** Generally rated for **5A at 250VAC** or **24VDC**. * **LED Voltage:** The "BA" or "R2" codes often refer to the operating voltage for the internal lamp, typically **24V AC/DC** or **110V/220V**. * **Contact Resistance:** $\le 50m\Omega$ (Initial). * **Insulation Resistance:** $\ge 100M\Omega$ at 500VDC. * **Dielectric Strength:** 2,000 VAC for 1 minute between current-carrying parts and ground. --- ### 3. Key Electronic Parts & Materials The internal construction consists of high-grade materials to ensure industrial durability: 1. **Contact Points:** Usually made of **Silver Alloy (AgNi or AgSnO2)** to prevent oxidation and ensure high conductivity during switching. 2. **Illumination Module:** Uses a high-brightness **LED chip** with an internal resistor to regulate current based on the specified input voltage. 3. **Housing:** Made of **Polyamide (PA66)** or **Polycarbonate (PC)**, which are flame-retardant (UL94-V0 rated). 4. **Terminals:** Solder-tab or Screw-type terminals, often gold-plated or silver-plated to ensure low-resistance connections. --- ### 4. Technical Summary Table | Parameter | Specification | | :--- | :--- | | **Mounting Hole** | 16mm / 22mm | | **Operation Temp** | -25°C to +55°C | | **Mechanical Life** | > 1,000,000 cycles | | **Electrical Life** | > 100,000 cycles (at full load) | | **Protection Degree** | IP40 or IP65 (depending on seal) | --- ### 5. Application Circuit Example To use the illuminated portion of the switch, the LED terminals (usually marked + and - or X1 and X2) must be wired in parallel or series with the control circuit. ```cpp // Typical Connection Logic [Power Source (+)] ---- [Switch Terminal NO] ---- [Load] ---- [Ground] | ^ |---- [LED Terminal X1] ------------| ```
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage for the 'R2' variant of this switch?
    • ⤷ Does this model support IP65 water protection for outdoor use?
    • ⤷ Can the contact blocks be replaced or are they integrated into the housing?